Electronic Components Datasheet Search
  English  ▼

X  

ML70.100 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML70.100
Description  DC 24-28V / 72W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML70.100 Datasheet(HTML) 1 Page - PULS GmbH

  ML70.100 Datasheet HTML 1Page - PULS GmbH ML70.100 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini is more.
PULS GmbH, Arabellastrasse 15, 81925 München
Tel. +49.(0)89.9278-244, Fax: +49.(0)89.9278-199
sales@puls-power.com, http://www.puls-power.com
PULS does it again:
practical, versatile and reliable like
the SilverLine – yet small like
no other.
MiniLine
with DC 24-28V / 72W
• Mounted and connected
in record time, no tools required
• World-wide approvals (UL, EN, CSA,
CB Scheme) for industry and office/
home
• Tiny: WxHxD = 45 x 75 x 91 mm
• NEC Class 2 Power Supply
• Adjustable output voltage
up to DC 28V
• Input: AC 115/230V switchable
(Manual Select Input)
• PULS Overload Design™
(High output overload capability)
ML70e100/041201
Data Sheet


Similar Part No. - ML70.100

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
ML7000-01MA OKI-ML7000-01MA Datasheet
144Kb / 19P
Single Rail CODEC
ML7000-01MB OKI-ML7000-01MB Datasheet
144Kb / 19P
Single Rail CODEC
ML7000-02 OKI-ML7000-02 Datasheet
144Kb / 19P
Single Rail CODEC
ML7000-02MA OKI-ML7000-02MA Datasheet
144Kb / 19P
Single Rail CODEC
More results

Similar Description - ML70.100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
Wuxi Youda electronics ...
YD7368 YOUDA-YD7368 Datasheet
81Kb / 3P
0. 72W AUDIO POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618_09 Datasheet
191Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 1; 12/09
logo
Global Mixed-mode Techn...
G5755 GMT-G5755 Datasheet
84Kb / 1P
3A, 1.5MHz, 28V Step-down DC/DC
logo
MicroPower Direct, LLC
MDR-72S MPD-MDR-72S Datasheet
564Kb / 2P
72W Output Power
logo
PULS GmbH
ML100.100 PULS-ML100.100 Datasheet
212Kb / 2P
DC 24-28V / 100W
ML95.100 PULS-ML95.100 Datasheet
465Kb / 2P
DC 24-28V / 95W
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
24-28V, 20A, DUAL REDUNDANCY MODULE
logo
SG Micro Corp
SGM61232 SGMICRO-SGM61232 Datasheet
951Kb / 19P
28V, 3A, Buck DC/DC Converter
JANUARY2023-REV.A.3
logo
Inventronics Inc.
DS-EBV-072SXXXSVF INVENTRONICS-DS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com