Electronic Components Datasheet Search
  English  ▼

X  

ML60.121 Datasheet(PDF) 17 Page - PULS GmbH

Part # ML60.121
Description  12V, 4.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.121 Datasheet(HTML) 17 Page - PULS GmbH

Back Button ML60.121 Datasheet HTML 13Page - PULS GmbH ML60.121 Datasheet HTML 14Page - PULS GmbH ML60.121 Datasheet HTML 15Page - PULS GmbH ML60.121 Datasheet HTML 16Page - PULS GmbH ML60.121 Datasheet HTML 17Page - PULS GmbH ML60.121 Datasheet HTML 18Page - PULS GmbH ML60.121 Datasheet HTML 19Page - PULS GmbH ML60.121 Datasheet HTML 20Page - PULS GmbH ML60.121 Datasheet HTML 21Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ML60.121
MiniLine-2
12V, 4.5A, SINGLE PHASE INPUT
21. ACCESSORY
21.1. ZM3.WALL – WALL MOUNT BRACKET
DIN-Rail bracket for wall or panel mount:
The picture of the power supply is for representation only
Hole diameter: 4.2mm
21.2. MLY10.241 - REDUNDANCY MODULE
The MLY10.241 is a dual redundancy module, which has two diodes with a common cathode included. It can be used
for various purposes. The most popular application is to configure highly reliable
and true redundant power supply systems. Another interesting application is the
separation of sensitive loads from non-sensitive loads. This avoids the distortion
of the power quality for the sensitive loads which can cause controller failures.
Nov. 2015 / Rev. 1.4 DS--ML60.121-EN
All parameters are specified at 12V, 4.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com