Electronic Components Datasheet Search
  English  ▼

X  

ML60.121 Datasheet(PDF) 18 Page - PULS GmbH

Part # ML60.121
Description  12V, 4.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.121 Datasheet(HTML) 18 Page - PULS GmbH

Back Button ML60.121 Datasheet HTML 14Page - PULS GmbH ML60.121 Datasheet HTML 15Page - PULS GmbH ML60.121 Datasheet HTML 16Page - PULS GmbH ML60.121 Datasheet HTML 17Page - PULS GmbH ML60.121 Datasheet HTML 18Page - PULS GmbH ML60.121 Datasheet HTML 19Page - PULS GmbH ML60.121 Datasheet HTML 20Page - PULS GmbH ML60.121 Datasheet HTML 21Page - PULS GmbH ML60.121 Datasheet HTML 22Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ML60.121
MiniLine-2
12V, 4.5A, SINGLE PHASE INPUT
22. APPLICATION NOTES
22.1. PEAK CURRENT CAPABILITY
Solenoids, contactors and pneumatic modules often have a steady state coil and a pick-up coil. The inrush current
demand of the pick-up coil is several times higher than the steady-state current and usually exceeds the nominal
output current. The same situation applies when starting a motor or switching-on a capacitive load.
In many cases, the peak current capability also ensures a safe operation of subsequent circuit breakers. Branch circuits
are often protected with circuit breakers or fuses. In case of a short or an overload in a branch circuit, the fuse needs a
certain amount of over-current to trip or to blow.
Assuming the input voltage is turned on before such an event, the built-in large sized output capacitors inside the
power supply can deliver extra current. Discharging this capacitor causes a voltage dip on the output. The following
two examples show typical voltage dips:
Fig. 22-1 Peak loading with 2x the nominal
current for 50ms, typ.
Fig. 22-2 Peak loading with 5x the nominal
current for 5ms, typ.
18/23
10ms/DIV
Output
Voltage
Output
Current
12V
0A
9A
7V
12V
Output
Voltage
Output
Current
0A
1ms/DIV
22.5A
3.2V
Peak load 9A (resistive load) for 50ms
Output voltage dips from 12V to 7V.
Peak load 22.5A (resistive load) for 5ms
Output voltage dips from 12V to 3.2V.
22.2. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the power supply. This feature is also called
return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
This power supply is resistant and does not show malfunctioning when a load feeds back voltage to the power supply.
It does not matter whether the power supply is on or off.
The maximum allowed feed-back-voltage is 25Vdc. The absorbing energy can be calculated according to the built-in
large sized output capacitor which is specified in chapter 5.
Nov. 2015 / Rev. 1.4 DS--ML60.121-EN
All parameters are specified at 12V, 4.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com