Electronic Components Datasheet Search
  English  ▼

X  

BT830-ST Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # BT830-ST
Description  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BT830-ST Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button BT830-ST Datasheet HTML 17Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 18Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 19Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 20Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 21Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 22Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 23Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 24Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
21
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
8.12 Digital Audio Interface (I²S)
The digital audio interface supports the industry standard formats for I²S, left-justified or right-justified. The
interface shares the same pins as the PCM interface which means each audio bus is mutually exclusive in its
usage. Table 12 lists these alternative functions. Figure 11 shows the timing diagram.
Table 12: Alternative Functions of the Digital Audio Bus Interface on the PCM Interface.
PCM Interface
I²S Interface
PCM_OUT
SD_OUT
PCM_IN
SD_IN
PCM_SYNC
WS
PCM_CLK
SCK
Figure 13: PCM Configuration
The internal representation of audio samples within BT830is 16-bit and data on SD_OUT is limited to 16-bit per
channel.
Table 13: Digital Audio Interface Slave Timing
Symbol
Parameter
Min
Typ
Max
Unit
-
SCK Frequency
-
-
6.2
MHz
-
WS Frequency
-
-
96
kHz
tch
SCK high time
80
-
-
ns
tcl
SCK low time
80
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com