Electronic Components Datasheet Search
  English  ▼

X  

BT830-ST Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # BT830-ST
Description  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BT830-ST Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button BT830-ST Datasheet HTML 5Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 6Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 7Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 8Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 9Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 10Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 11Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 12Page - Laird Tech Smart Technology BT830-ST Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
9
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
#
Pin Name
I/O
Supply
Domain
Description
If
Unused…
18
GND
GND
-
Ground
GND
19
PCM_SYNC/
SPI_CS#/
PIO23
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
PCM synchronous data sync SPI
chip select, active low
programmable input/output line
*See Note 1.
NC
20
PCM_CLK/
SPI_CLK/ PIO24
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
PCM synchronous data clock
SPI clock
Programmable input/output line
*See Note 1.
NC
21
PCM_IN/
SPI_MOSI/
PIO21
Input, tri-state,
with weak
internal pull-
down
VDD_PADS
PCM synchronous data input
SPI data input
Programmable input/output line
*See Note 1.
NC
22
PCM_OUT/
SPI_MISO/
PIO22
Output, tri-state,
with weak
internal pull-
down
VDD_PADS
PCM synchronous data output
SPI data output
Programmable input/output line
*See Note 1.
NC
23
GND
GND
-
Ground
GND
24
PIO0/
32K_CLK_IN
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line
and 32kHz sleep clock input
NC
25
PIO1/
BT_ACTIVE
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line;
Wi-Fi and BT 3-wire coexistance
NC
26
PIO9/
BT_PRIORITY
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line;
Wi-Fi and BT 3-wire coexistance
NC
27
PIO4/
WLAN_ACTIVE
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line;
Wi-Fi and BT 3-wire coexistance
NC
28
SPI_PCM#_SEL
Input with weak
internal pull-
down
VDD_PADS
Control line to select SPI or PCM
interface, high = SPI, low = PCM
*See Note 1.
NC
29
PIO3/
Host Wake up
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line;
Host wake up from BT, active High.
NC
30
GND
GND
-
Ground
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com