Electronic Components Datasheet Search
  English  ▼

X  

BTM441 Datasheet(PDF) 5 Page - Laird Tech Smart Technology

Part # BTM441
Description  modules from Laird Technologies have been designed to meet the needs of developers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM441 Datasheet(HTML) 5 Page - Laird Tech Smart Technology

  BTM441 Datasheet HTML 1Page - Laird Tech Smart Technology BTM441 Datasheet HTML 2Page - Laird Tech Smart Technology BTM441 Datasheet HTML 3Page - Laird Tech Smart Technology BTM441 Datasheet HTML 4Page - Laird Tech Smart Technology BTM441 Datasheet HTML 5Page - Laird Tech Smart Technology BTM441 Datasheet HTML 6Page - Laird Tech Smart Technology BTM441 Datasheet HTML 7Page - Laird Tech Smart Technology BTM441 Datasheet HTML 8Page - Laird Tech Smart Technology BTM441 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
BTM44x
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
5
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
1 PRODUCT DESCRIPTION
The BTM44x Bluetooth® modules from Laird Technologies have been designed to meet the needs of developers
who wish to add robust, short range Bluetooth data connectivity to their products. They are based on the
market leading Cambridge Silicon Radio BC04 chipset, providing exceptionally low power consumption with
outstanding range. They support the latest Bluetooth® Version 2.1 Specification, providing the important
advantage of Secure Simple Pairing, which improves security and enhances the ease of use for end customers.
With physical sizes as small as 12.5 x 18.0mm and best of class, low-power operation, these modules are the
ideal choice for applications where designers need both performance and minimum size. For maximum
flexibility in systems integration, the modules are designed to support a separate power supply for I/O.
To aid product development and integration, Laird Technologies has integrated a complete Bluetooth protocol
stack within the modules, including support for multiple Bluetooth Profiles. The modules are fully qualified as
Bluetooth End Products, allowing designers to integrate them within their own products with no further
Bluetooth Qualification. They can then list and promote their products on the Bluetooth website free of charge.
Support for Serial Port Profile (SPP), Human Interface Device (HID) profile and Health Device Profile (HDP) are
included in the module. The support of the Bluetooth Sig’s Health Device Profile makes this the ideal module for
development of Continua compliant medical and wellness devices. By default the Health Device Profile supports
the ISO/IEEE 11073-10415 device specialization for weigh scales, but additional specializations for glucose and
thermometer are available with more upon request.
Communication is available to the module over a serial UART utilizing either a custom Multi-point Packet
Protocol API or comprehensive AT commands. Combined with a low cost developer’s kit, this ensures that the
choice of Laird Technologies modules guarantees the fastest route to market.
Features and Benefits
Bluetooth® v2.1+EDR
Adaptive Frequency Hopping to cope
with interference from other
wireless devices
Secure Simple Pairing support
External or internal antenna options
Comprehensive AT interface for
simple programming
Alternate Packet based interface for
complex programming
Bluetooth® END Product Qualified
Compact size
Class 2 output – 4dBm
Low power operation
UART interface
Applications
Embedded Devices
Phone Devices
Phone Accessories
Security Devices
Medical and Wellness Devices
Automotive Applications
Bluetooth® Profiles Supported
Serial Port Profile (SPP)
Human Interface Device (HID) Profile Host
and device supported
Health Device Profile (HDP): Agent supported
IEEE Device Specialization 11073-10415 (Weight Scale)
IEEE Device Specialization 11073 - 10408 (Thermometer)
IEEE Device Specialization 11073 – 10417 (Glucose)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com