Electronic Components Datasheet Search
  English  ▼

X  

BTM441 Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # BTM441
Description  modules from Laird Technologies have been designed to meet the needs of developers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM441 Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button BTM441 Datasheet HTML 5Page - Laird Tech Smart Technology BTM441 Datasheet HTML 6Page - Laird Tech Smart Technology BTM441 Datasheet HTML 7Page - Laird Tech Smart Technology BTM441 Datasheet HTML 8Page - Laird Tech Smart Technology BTM441 Datasheet HTML 9Page - Laird Tech Smart Technology BTM441 Datasheet HTML 10Page - Laird Tech Smart Technology BTM441 Datasheet HTML 11Page - Laird Tech Smart Technology BTM441 Datasheet HTML 12Page - Laird Tech Smart Technology BTM441 Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
BTM44x
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
9
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Logic Levels (VUSB)
MIN
TYP
MAX
Vil 2.7<VDD_USB<3.0
-0.4
+0.8
1.7<VDD_USB<1.9
-0.4
+0.4
OUTPUT VOLTAGE LEVELS (1.7<VDD_USB<1.9)
Voh (Iout = -4mA)
VDD_USB – 0.4
Vol (Iout = 4mA)
0.4
OUTPUT VOLTAGE LEVELS (2.7<VDD_USB<3.0)
Voh (Iout = -4mA)
VDD_USB – 0.2
Vol (Iout = 4mA)
0.2
Note: VDD_USB must be connected to power the USB and UART interfaces.
Table 6: Voltage Parameters (VIO)
Logic Levels (VIO)
MIN
TYP
MAX
INPUT VOLTAGE LEVELS
Vih
0.7VDD_IO
Vil 2.7<VDD_IO<3.0
-0.4
+0.8
1.7<VDD_IO<1.9
-0.4
+0.4
OUTPUT VOLTAGE LEVELS (1.7 < VDD_IO < 1.9)
Voh (Iout = -4mA)
VDD_IO – 0.4
Vol (Iout = 4mA)
0.4
OUTPUT VOLTAGE LEVELS (2.7 < VDD_IO < 3.0)
Voh (Iout = -4mA)
VDD_IO – 0.2
Vol (Iout = 4mA)
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com