Electronic Components Datasheet Search
  English  ▼

X  

BTM431 Datasheet(PDF) 19 Page - Laird Tech Smart Technology

Part # BTM431
Description  modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM431 Datasheet(HTML) 19 Page - Laird Tech Smart Technology

Back Button BTM431 Datasheet HTML 15Page - Laird Tech Smart Technology BTM431 Datasheet HTML 16Page - Laird Tech Smart Technology BTM431 Datasheet HTML 17Page - Laird Tech Smart Technology BTM431 Datasheet HTML 18Page - Laird Tech Smart Technology BTM431 Datasheet HTML 19Page - Laird Tech Smart Technology BTM431 Datasheet HTML 20Page - Laird Tech Smart Technology BTM431 Datasheet HTML 21Page - Laird Tech Smart Technology BTM431 Datasheet HTML 22Page - Laird Tech Smart Technology BTM431 Datasheet HTML 23Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
BTM430/431
Bluetooth® AT Data Module Datasheet
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
19
Laird Technologies
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
6.4 BTM431 Mechanical Details
Module Keep-Out Area: An area of 1.5mm around the module should be reserved as a keep-out area. No
other components should be placed in this area.
The Development Kit Schematics for this product can be accessed from the following link:
Development Kit Schematics – BTM430 / BTM431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com