Electronic Components Datasheet Search
  English  ▼

X  

BTM431 Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # BTM431
Description  modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM431 Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button BTM431 Datasheet HTML 3Page - Laird Tech Smart Technology BTM431 Datasheet HTML 4Page - Laird Tech Smart Technology BTM431 Datasheet HTML 5Page - Laird Tech Smart Technology BTM431 Datasheet HTML 6Page - Laird Tech Smart Technology BTM431 Datasheet HTML 7Page - Laird Tech Smart Technology BTM431 Datasheet HTML 8Page - Laird Tech Smart Technology BTM431 Datasheet HTML 9Page - Laird Tech Smart Technology BTM431 Datasheet HTML 10Page - Laird Tech Smart Technology BTM431 Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BTM430/431
Bluetooth® AT Data Module Datasheet
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
7
Laird Technologies
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
2.2
Pin Definitions
Table 2: Pin Definitions
Pin
Signal
Description
Voltage Specification
1
Unused
2
GND
3
UART_CTS
Clear to Send I/P
VUSB
4
UART_RXD
Receive data I/P
VUSB
5
UART_RTS
Request to Send O/P
VUSB
6
UART_TXD
Transmit data O/P
VUSB
7
GND
8
SPI_CSB
SPI bus chip select I/P
VIO
9
SPI_MISO
SPI bus serial O/P
VIO
10
SPI_MOSI
SPI bus serial I/P
VIO
11
SPI_CLK
SPI bus clock I/P
VIO
12
VDD_USB
USB & UART supply voltage
13
VDD_IO
I/O supply voltage
14
VDD_IN
Main supply voltage
15
GND
16
PCM_IN
PCM data I/P
VIO
17
PCM_SYNC
PCM sync I/P
VIO
18
PCM_CLK
PCM clock I/P
VIO
19
PCM_OUT
PCM Data O/P
VIO
20
RESET
Module reset I/P
See note 2
21
GPIO4
BT_ACTIVE / BT_STATE
VIO
22
GPIO2 / UART_DCD
I/O for host
VIO
23
GND
24
Unused
25
Unused
See note 3
26
Unused
See note 3
27
Unused
See note 3
28
GND (BTM430 only)
See note 3
29
ANT (BTM430 only)
Antenna connection (50 ohm
matched)
See note 3
30
GND (BTM430 only)
See note 3
31
Unused
See note 3
32
Unused
See note 3
33
Unused
See note 3
34
Unused
See note 3
35
Unused
See note 3
36
Unused
See note 3
37
Unused
See note 3
38
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com