Electronic Components Datasheet Search
  English  ▼

X  

BTM443 Datasheet(PDF) 20 Page - Laird Tech Smart Technology

Part # BTM443
Description  modules from Laird Technologies have been designed to meet the needs of developers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM443 Datasheet(HTML) 20 Page - Laird Tech Smart Technology

Back Button BTM443 Datasheet HTML 16Page - Laird Tech Smart Technology BTM443 Datasheet HTML 17Page - Laird Tech Smart Technology BTM443 Datasheet HTML 18Page - Laird Tech Smart Technology BTM443 Datasheet HTML 19Page - Laird Tech Smart Technology BTM443 Datasheet HTML 20Page - Laird Tech Smart Technology BTM443 Datasheet HTML 21Page - Laird Tech Smart Technology BTM443 Datasheet HTML 22Page - Laird Tech Smart Technology BTM443 Datasheet HTML 23Page - Laird Tech Smart Technology BTM443 Datasheet HTML 24Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
BTM44x
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
20
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
5 DECLARATIONS OF COMPLIANCE
EU Declaration of Conformity – BTM440 / BTM442
Manufacturer:
Laird Technologies
Product:
BTM440/2
EU Directive:
RTTE 1995/5/EC
Conformity Assessment:
Annex IV
5.1.1 Reference standards used for presumption of conformity:
Article Number:
Requirement
Reference standard(s):
3.1a
Health and Safety
EN 60950-1:2006
3.1b
Protection requirements
with respect to
electromagnetic
Compatibility
EN 301 489-1 V1.8.1
EN 301 489-17 2.1.1
Emissions:
EN55022:2006/A1:2000/A2:2006(ClassB)
Immunity:
EN61000-4-2:1995/A1:1998/A2:2001
EN61000-4-3:2002/A1:2002
3.2
Means of the efficient use of
the radio frequency
spectrum
EN 300 328 V1.7.1 (2006-10)
5.1.2 Declaration:
We, Ezurio Ltd, declare under our sole responsibility that the essential radio test suites have been carried out
and that the above product to which this declaration relates is in conformity with all the applicable essential
requirements of Article 3 of the EU Directive 1995/5/EC, when used for its intended purpose.
Place of Issue:
Ezurio Ltd dba Laird Technologies
Saturn House, Mercury Park
Wooburn Green
HP100HH,
United Kingdom
tel: +44 (0)1628 858 940
fax: +44 (0)1628 528 382
Date of Issue:
October 2009
Name of Authorised Person:
Andrew Dobbing, Engineering Manager
Signature:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com