Electronic Components Datasheet Search
  English  ▼

X  

BTM443 Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # BTM443
Description  modules from Laird Technologies have been designed to meet the needs of developers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM443 Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button BTM443 Datasheet HTML 17Page - Laird Tech Smart Technology BTM443 Datasheet HTML 18Page - Laird Tech Smart Technology BTM443 Datasheet HTML 19Page - Laird Tech Smart Technology BTM443 Datasheet HTML 20Page - Laird Tech Smart Technology BTM443 Datasheet HTML 21Page - Laird Tech Smart Technology BTM443 Datasheet HTML 22Page - Laird Tech Smart Technology BTM443 Datasheet HTML 23Page - Laird Tech Smart Technology BTM443 Datasheet HTML 24Page - Laird Tech Smart Technology BTM443 Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
BTM44x
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
21
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
EU Declaration of Conformity – BTM441 / BTM443
Manufacturer:
Laird
Product:
BTM410 / BTM411 / BTM420 / BTM421 /
BTM430 / BTM431 / BTM441 / BTM443 /
BTM461
EU Directive:
RTTE 1995/5/EC
Conformity Assessment:
Annex IV
5.2.1 Reference Standards used for Presumption of Conformity
Article Number
Requirement
Reference standard(s)
3.1a
Health and Safety
EN 60950-1:2005 (2nd Ed); +Am1:2009 +Am2:2013
EN 60950-
1:2006+A11+a1:2010+A12:2011+A2:2013
3.1a
RF Exposure
EN 62479:2010
3.1b
Protection requirements
with respect to
electromagnetic
compatibility
EN 301 489-1 V1.9.2 (2011-09)
EN 301 489-17 V2.2.1 (2012-09)
Emissions:
EN55022:2010 /AC:2011 (ClassB)
Immunity:
EN61000-4-2:2009
EN61000-4-3:2006 /A1:2008 /A2:2010
3.2
Means of the efficient use
of the radio frequency
spectrum
EN 300 328 V1.8.1 (2012-06)
5.2.2 Declaration:
We, Laird, declare under our sole responsibility that the essential radio test suites have been carried out and
that the above product to which this declaration relates is in conformity with all the applicable essential
requirements of Article 3 of the EU Directive 1995/5/EC, when used for its intended purpose.
Place of Issue:
Laird
11160 Thompson Ave.
Lenexa, KS 66219
Date of Issue:
October 2009
Name of Authorized Person:
Daniel Waters / Certifications Specialist
Signature:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com