Electronic Components Datasheet Search
  English  ▼

X  

MSD50NBT Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # MSD50NBT
Description  Added section numbering
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MSD50NBT Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button MSD50NBT Datasheet HTML 17Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 18Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 19Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 20Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 21Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 22Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 23Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 24Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
MSD50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
21
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
BLUETOOTH RADIO CHARACTERISTICS
Table 14 through Table 15 describe the basic rate transmitter performance, enhanced data transmitter
performance, basic rate receiver performance, enhanced rate receiver performance, and current consumption
conditions at 25°C.
Table 14: Basic Rate Transmitter Performance Temperature at 25°C (3.3V)
Test Parameter
Min
Typ
Max
BT Spec.
Unit
Maximum RF Output Power
2
6
—
–6 to +10
dBm
Frequency Range
2.4
—
2.4835
2.4 ≤ f ≤ 2.4835
GHz
20 dB Bandwidth
—
925
—
≤ 1000
KHz
Adjacent Channel TX Power F = F0 +
2 MHz
—
–36
—
≤ –20
dBm
Adjacent Channel TX Power F = F0
+3 MHz
—
–42
—
≤ –40
dBm
Δf1avg Maximum Modulation
140
165
175
140 < Δf1avg < 175
KHz
Δf2max Minimum Modulation
—
135
—
≥ 115
KHz
Δf2avg/Δf1avg
—
0.9
—
≥ 0.80
—
Initial Carrier Frequency
—
5
—
≤±75
KHz
Drift Rate
—
5
—
≤ 20
KHz/50 µs
Drift (DH1 packet)
—
6
—
≤25
KHz
Drift (DH5 packet)
—
7
—
≤ 40
KHz
Table 15: Enhanced Data Rate Transmitter Performance 25°C (3.3V)
Test Parameter
Min
Typ
Max
BT Spec.
Unit
Relative Transmit Power
–1
3
6
–4 to +1
dBm
Max Carrier Frequency
Stability |wo|
π/4 DQPSK
—
1
—
≤ ±10
KHz
8 DPSK
—
1
—
Max Carrier Frequency
Stability |wi|
π/4 DQPSK
—
1
—
≤ ±75
KHz
8 DPSK
—
1
—
Max Carrier Frequency
Stability |w0+wi|
π/4 DQPSK
—
2
—
≤ ±75
KHz
8 DPSK
—
1.5
—
RMS DEVM
π/4 DQPSK
—
6
—
≤ 20
%
8 DPSK
—
6
—
≤13
%
Peak DEVM
π/4 DQPSK
—
16
—
≤ 35
%
8 DPSK
—
15
—
≤ 25
%
99% DEVM
π/4 DQPSK
—
12
—
≤ 30
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com