Electronic Components Datasheet Search
  English  ▼

X  

MSD50NBT Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # MSD50NBT
Description  Added section numbering
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MSD50NBT Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button MSD50NBT Datasheet HTML 5Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 6Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 7Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 8Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 9Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 10Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 11Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 12Page - Laird Tech Smart Technology MSD50NBT Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
MSD50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
9
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Feature
Description
Wi-Fi Media Access Protocol
Carrier sense multiple access with collision avoidance (CSMA/CA)
Network Architecture Types
Infrastructure and ad-hoc
Wi-Fi Standards
IEEE 802.11a, 802.11b, 802.11d, 802.11e, 802.11g, 802.11h, 802.11i,
802.11n, 802.11r
Bluetooth Standards
Bluetooth version 2.1 with Enhanced Data Rate
Bluetooth 4.0 (Bluetooth Low Energy or BLE)
Wi-Fi Data Rates Supported
11a (OFDM) 6, 9, 12, 18, 24, 36, 48, 54 Mbps
802.11b (DSSS, CCK) 1, 2, 5.5, 11 Mbps
802.11g (OFDM) 6, 9, 12, 18, 24, 36, 48, 54 Mbps
802.11n (OFDM, MCS 0-15)
Full Guard Interval: 6.5,13.0, 19.5, 26.0,39.0,52.0,58.5,65.0,
13.0,26.0,39.0, 52.0, 78.0,104.0,117.0 Mbps
Short Guard Interval: 1.2,14.4,21.7,29.9,43.3,57.8,65.0,72.2,
14.4,28.9,43.3,57.8, 86.7,115.6,130.0,144.4 Mbps
Modulation
BPSK @ 1, 6,9, 6.5, 7.2,13 and 14.4 Mbps
QPSK @ 2, 12, 18, 13, 14.4,19.5, 21.7, 26, 28.9, 39,43.3 Mbps
CCK @ 5.5 and 11 Mbps
16-QAM @ 24, 36,26, 29.9,39,43.3,52,57.8,78,86.7 Mbps
64-QAM @ 48,54,52, 57.8, 58.5, 65,72.2,104.0,115.6,117.0,130.0,144.4
Mbps
802.11n Spatial Streams
2 (2x2 MIMO)
Bluetooth Data Rates
Supported
1, 2, 3 Mbps
Bluetooth Modulation
GFSK@ 1 Mbps
Pi/4-DQPSK@ 2 Mbps
8-DPSK@ 3 Mbps
Regulatory Domain Support
FCC (Americas, Parts of Asia, and Middle East)
ETSI (Europe, Middle East, Africa, and Parts of Asia)
IC
(Industry Canada )
MIC (Japan) (formerly TELEC) – Option
KC (Korea) (formerly KCC) – Option
2.4 GHz Frequency Bands
ETSI: 2.4 GHz to 2.483 GHz
FCC: 2.4 GHz to 2.473 GHz
MIC: 2.4 GHz to 2.495 GHz
KC: 2.4 GHz to 2.483 GHz
2.4 GHz Operating Channels
(Wi-Fi)
ETSI: 13 (3 non-overlapping)
FCC: 11 (3 non-overlapping)
MIC: 14 (4 non-overlapping)
KC: 13 (3 non-overlapping)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com