Electronic Components Datasheet Search
  English  ▼

X  

QW430 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # QW430
Description  High spring temper rod stays straighter longer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

QW430 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  QW430 Datasheet HTML 1Page - Laird Tech Smart Technology QW430 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-Quarterwave 1015
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are
sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights
Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an affiliate company thereof. Other product or
service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
Model
Finish
Frequency
Gain
Overall Length
Whip Style
QW450
Stainless
450 - 470 MHz
Unity
6”
1/4 Wave
QWB450
Black
450 - 470 MHz
Unity
6”
1/4 Wave
QW470
Stainless
470 - 490 MHz
Unity
5.75”
1/4 Wave
QWB470
Black
470 - 490 MHz
Unity
5.75”
1/4 Wave
QW490
Stainless
490 - 512 MHz
Unity
5.5”
1/4 Wave
QWB490
Black
490 - 512 MHz
Unity
5.5”
1/4 Wave
QW760
Stainless
760 - 870 MHz
Unity
1/4 Wave
QWB760
Black
760 - 870 MHz
Unity
1/4 Wave
QW800
Stainless
806 - 896 MHz
Unity
3.3”
1/4 Wave
QWB800
Black
806 - 896 MHz
Unity
3.3”
1/4 Wave
QW900
Stainless
896 - 970 MHz
Unity
3”
1/4 Wave
QWB900
Black
896 - 970 MHz
Unity
3”
1/4 Wave
QWFT120
Stainless
118 - 970 MHz
Unity
24”
1/4 Wave
QWFTB120
Black
118 - 970 MHz
Unity
24”
1/4 Wave
3 dB Gain Models
QW8063
Stainless
806 - 866 MHz
3 dB
16.25”
Open Coil Flexible
QWB8063
Black
806 - 866 MHz
3 dB
16.25”
Open Coil Flexible
QW8253
Stainless
825 - 896 MHz
3 dB
15.5”
Open Coil Flexible
QWB8253
Black
825 - 896 MHz
3 dB
15.5”
Open Coil Flexible
QW8963
Stainless
896 - 970 MHz
3 dB
14.5”
Open Coil Flexible
QWB8963
Black
896 - 970 MHz
3 dB
14.5”
Open Coil Flexible
Quarterwave Antennas



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com