Electronic Components Datasheet Search
  English  ▼

X  

QW430 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # QW430
Description  High spring temper rod stays straighter longer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

QW430 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  QW430 Datasheet HTML 1Page - Laird Tech Smart Technology QW430 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• All Quarterwaves are built with gold plated contacts for corrosion resistance
and best power transfer
• Stand-up™ grommet will not degrade over time
• High spring temper rod stays straighter longer
• Stainless steel corona ball stays on the rod - no dissimilar metal interaction
associated with competitor designs
Laird's least expensive mobile antennas receive the most detailed attention.
Quarterwave models and 3 dB chrome nut models feature a gold plated brass contact
and heavy duty specially formulated Stand Up™ grommets that last longer and stay
straighter. For any mobile application, you can be sure that Laird has a feature packed
solution for you.
Quarterwave Antennas
Model
Finish
Frequency
Gain
Overall Length
Whip Style
Unity Gain Models
Q27S
Stainless
27 - 54 MHz
Unity
102”
1/4 Wave
QW***
Stainless
Customer Specified
Unity
Customer Spec.
1/4 Wave
QWB***
Black
Customer Specified
Unity
Customer Spec.
1/4 Wave
QW136
Stainless
136 - 144 MHz
Unity
22”
1/4 Wave
QWB136
Black
136 - 144 MHz
Unity
22”
1/4 Wave
QW144
Stainless
144 - 152 MHz
Unity
19”
1/4 Wave
QWB144
Black
144 - 152 MHz
Unity
19”
1/4 Wave
QW152
Stainless
152 - 162 MHz
Unity
18”
1/4 Wave
QWB152
Black
152 - 162 MHz
Unity
18”
1/4 Wave
QW162
Stainless
162 - 174 MHz
Unity
17”
1/4 Wave
QWB162
Black
162 - 174 MHz
Unity
17”
1/4 Wave
QW220
Stainless
220 - 225 MHz
Unity
12.5”
1/4 Wave
QWB220
Black
220 - 225 MHz
Unity
12.5”
1/4 Wave
QW406
Stainless
406 - 430 MHz
Unity
7”
1/4 Wave
QWB406
Black
406 - 430 MHz
Unity
7”
1/4 Wave
QW430
Stainless
430 - 450 MHz
Unity
6.5”
1/4 Wave
QWB430
Black
430 - 450 MHz
Unity
6.5”
1/4 Wave
Americas: +1.847 839.6907 
IAS‐AmericasEastSales@lairdtech.com 
Europe: +44.1628.858941 
IAS‐EUSales@lairdtech.com 
Asia:  +86.21.5855.0827.127 
IAS‐AsiaSales@lairdtech.com 
www.lairdtech.com 


Similar Description - QW430

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
RC-2 TRIAD-RC-2_13 Datasheet
104Kb / 1P
Switchmode/ High Frequency Rod Core Inductors
RC-9 TRIAD-RC-9_13 Datasheet
104Kb / 1P
Switchmode/ High Frequency Rod Core Inductors
RC-10 TRIAD-RC-10_13 Datasheet
104Kb / 1P
Switchmode/ High Frequency Rod Core Inductors
logo
Maxim Integrated Produc...
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
Longer Battery Life for Portable Applications
Rev 1; 4/15
logo
Xilinx, Inc
XQR1701LCC44M XILINX-XQR1701LCC44M Datasheet
97Kb / 11P
Cascadable for storing longer or multiple bitstreams
logo
Maxim Integrated Produc...
MAX11253 MAXIM-MAX11253 Datasheet
1Mb / 51P
Longer Battery Life for Portable Applications
Rev 0; 6/15
logo
Ledil, Inc.
C16052 LEDIL-C16052 Datasheet
2Mb / 5P
Variant with longer distance between location pins allowing high voltage circuit
logo
TOKYO SEIMITSU CO., LTD
FTB ACCRETECH-FTB Datasheet
373Kb / 2P
Higher speed and longer life
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com