Electronic Components Datasheet Search
  English  ▼

X  

IR2156S Datasheet(PDF) 3 Page - International Rectifier

Part # IR2156S
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156S Datasheet(HTML) 3 Page - International Rectifier

  IR2156S Datasheet HTML 1Page - International Rectifier IR2156S Datasheet HTML 2Page - International Rectifier IR2156S Datasheet HTML 3Page - International Rectifier IR2156S Datasheet HTML 4Page - International Rectifier IR2156S Datasheet HTML 5Page - International Rectifier IR2156S Datasheet HTML 6Page - International Rectifier IR2156S Datasheet HTML 7Page - International Rectifier IR2156S Datasheet HTML 8Page - International Rectifier IR2156S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
IR2156(S)&(PbF)
www.irf.com
3
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VBs
High side floating supply voltage
VCC - 0.7
VCLAMP
VBSMIN
Minimum required VBS voltage for proper HO functionality
5
VCC
VS
Steady state high side floating supply offset voltage
-1
600
VCC
Supply voltage
VCCUV+
VCLAMP
ICC
Supply current
note 2
10
mA
CT
CT lead capacitance
220
—
pF
ISD
Shutdown lead current
-1
1
ICS
Current sense lead current
-1
1
TJ
Junction temperature
-40
125
oC
ISDLK
SD pin leakage current (@VSD=6V)
—
125
ICSLK
CS pin leakage current (@VCS=3V)
—
25
V
mA
Note 2:
Enough current should be supplied into the VCC lead to keep the internal 15.6V zener clamp diode on this lead
regulating its voltage, VCLAMP.
Electrical Characteristics
VCC = VBS = VBIAS = 14V +/- 0.25V, VVDC = Open, RT = 39.0kΩ, RPH = 100.0kΩ, CT = 470 pF, VCPH = 0.0V, VCS = 0.0V,
VSD = 0.0V, CLO, HO = 1000pF, TA = 25
oC unless otherwise specified.
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
Supply Characteristics
VCCUV+
VCC supply undervoltage positive going
10.5
11.5
12.5
VCC rising from 0V
threshold
VCCUV-
VCC supply undervoltage negative going
8.5
9.5
10.5
VCC falling from 14V
threshold
VUVHYS
VCC supply undervoltage lockout hysteresis
1.5
2.0
3.0
IQCCUV
UVLO mode quiescent current
50
120
200
VCC = 11V
IQCCFLT
Fault-mode quiescent current
—
200
470
SD = 5.1V, or
CS > 1.3V
IQCC
Quiescent VCC supply current
—
1.0
1.5
CT connected toCOM
VCC =14V,RT=15k
Ω
IQCC50K
VCC supply current, f = 50kHz
—
1.0
1.5
RT = 15k
Ω
CT = 470 pF
VCLAMP
VCC zener clamp voltage
14.5
15.6
16.5
V
ICC = 5mA
µA
V
mA
IQBS0
Quiescent VBS supply current
-5
0
5
VHO = VS (CT = 0V)
IQBS1
Quiescent VBS supply current
—
30
50
VHO = VB (CT = 14V)
ILK
Offset supply leakage current
—
—
50
µA
VB = VS = 600V
µA
Floating Supply Characteristics
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com