Electronic Components Datasheet Search
  English  ▼

X  

IR2156S Datasheet(PDF) 4 Page - International Rectifier

Part # IR2156S
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156S Datasheet(HTML) 4 Page - International Rectifier

  IR2156S Datasheet HTML 1Page - International Rectifier IR2156S Datasheet HTML 2Page - International Rectifier IR2156S Datasheet HTML 3Page - International Rectifier IR2156S Datasheet HTML 4Page - International Rectifier IR2156S Datasheet HTML 5Page - International Rectifier IR2156S Datasheet HTML 6Page - International Rectifier IR2156S Datasheet HTML 7Page - International Rectifier IR2156S Datasheet HTML 8Page - International Rectifier IR2156S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
IR2156(S)&(PbF)
4
www.irf.com
Electrical Characteristics
VCC = VBS = VBIAS = 14V +/- 0.25V, VVDC = Open, RT = 39.0kΩ, RPH = 100.0kΩ, CT = 470 pF, VCPH = 0.0V, VCS = 0.0V,
VSD = 0.0V, CLO, HO = 1000pF, TA = 25
oC unless otherwise specified.
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
RPH Characteristics
IRPHLK
Open circuit RPH pin leakage current
—
0.1
—
µA
CT = 10V
VRPHFLT
Fault-mode RPH pin voltage
—
0
—
mV
SD > 5.1V or CS >1.3V
Oscillator, Ballast Control, I/O Characteristics
kHz
fosc
Oscillator frequency
28
30
32
RT=33.0k
Ω, VVDC= 5V
VCPH = Open
(Guaranteed by design)
fosc
Oscillator frequency
37.6
40
43.9
KHz
RT=40k, RPH = 100K
CT = 470pF
d
Oscillator duty cycle
—
50
—
%
VCT+
Upper CT ramp voltage threshold
—
8.3
—
VCT-
Lower CT ramp voltage threshold
—
4.8
—
VCTFLT
Fault-mode CT pin voltage
—
0
—
mV
SD > 5.1V or CS >1.3V
only CT CAP should
beconnected to CT
tDLO
LO output deadtime
—
2.0
—
usec
tDHO
HO output deadtime
—
2.0
—
usec
RDT
Internal deadtime resistor
—
3
—
K
Ω
V
VCC = 14V
RT Characteristics
IRTLK
Open circuit RT pin leakage current
—
0.1
—
µA
CT = 10V
VRTFLT
Fault-mode RT pin voltage
—
0
—
mV
SD > 5.1V or CS >1.3V
Preheat Characteristics
ICPH
CPH pin charging current
3.6
4.3
5.2
µA
VCPH=10V,CT=10V,
VDC=5V
VCPHFLT
Fault-mode CPH pin voltage
—
0
—
mV
SD > 5.1V or CS >1.3V
VSDTH+
Rising shutdown pin threshold voltage
—
5.1
—
V
VSDHYS
Shutdown pin threshold hysteresis
—
450
—
mV
VCSTH
Over-current sense threshold voltage
1.1
1.25
1.44
V
tCS
Over-current sense propogation delay
—
160
—
nsec
Delay from CS to LO
VCSPW
Over-current sense minimum pulse width
—
135
—
nsec
VCS pulse amplitude
= VCSTH+100mV
RVDC
DC bus sensing resistor
7.5
10
14
k
Ω
VCPH>12V, VCT=0V
VDC= 7V
VCPH-VDC CPH to VDC offset voltage
10.3
10.9
11.4
V
VCPH=open,VVDC=0V
Protection Characteristics
VOL
Low-level output voltage
—
0
105
Io = 0
VOH
High-level output voltage
—
0
100
VBIAS - Vo, Io = 0
tr
Turn-on rise time
—
110
150
tf
Turn-off fall time
—
55
100
Gate Driver Output Characteristics
mV
ns
CLO = CHO =1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com