Electronic Components Datasheet Search
  English  ▼

X  

BTM421 Datasheet(PDF) 6 Page - Laird Tech Smart Technology

Part # BTM421
Description  Changes and Revisions
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM421 Datasheet(HTML) 6 Page - Laird Tech Smart Technology

Back Button BTM421 Datasheet HTML 2Page - Laird Tech Smart Technology BTM421 Datasheet HTML 3Page - Laird Tech Smart Technology BTM421 Datasheet HTML 4Page - Laird Tech Smart Technology BTM421 Datasheet HTML 5Page - Laird Tech Smart Technology BTM421 Datasheet HTML 6Page - Laird Tech Smart Technology BTM421 Datasheet HTML 7Page - Laird Tech Smart Technology BTM421 Datasheet HTML 8Page - Laird Tech Smart Technology BTM421 Datasheet HTML 9Page - Laird Tech Smart Technology BTM421 Datasheet HTML 10Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
BTM420/421
Bluetooth
® Data Module Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
6
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
Categories
Feature
Implementation
External Antenna
Pad for 50 Ohm antenna – BTM420
Physical
Dimensions
12.5 mm x 18.0 mm x 3.4 mm – BTM420
12.5 mm x 24.0 mm x 3.4 mm – BTM421
Weight
3 grams
Environmental
Operating Temperature
-30°C to +70°C
Storage Temperature
-40°C to +85°C
Approvals
Bluetooth
Qualified as a Controller Subsystem Product
FCC
Limited Modular Approval – BTM420
Modular approval (Integrated Antenna option – BTM 421)
CE & R&TTE
Meets CE and R&TTE requirements
Miscellaneous
Lead free
Lead-free and RoHS compliant
Warranty
12 Months
Development
Tools
Development Kit
Development board
2.2 Pin Definitions
Table 3: Pin Definitions
Pin
Signal
Description
Voltage Specification
1
Unused
2
GND
3
Unused
4
Unused
5
Unused
6
Unused
7
GND
8
SPI_CSB
SPI bus chip select I/P
VIO
9
SPI_MISO
SPI bus serial O/P
VIO
10
SPI_MOSI
SPI bus serial I/P
VIO
11
SPI_CLK
SPI bus clock I/P
VIO
12
VDD_USB
USB & UART supply voltage
15
GND
16
PCM_IN
PCM clock I/P
VIO
17
PCM_SYNC
PCM sync I/P
VIO
18
PCM_CLK
PCM click I/P
VIO
19
PCM_OUT
PCM Data O/P
VIO
20
RESET
Module reset I/P
See note 2
21
Unused
22
GPIO2 / UART_DCD
I/O for host
VIO
23
GND
24
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com