Electronic Components Datasheet Search
  English  ▼

X  

BTM421 Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # BTM421
Description  Changes and Revisions
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM421 Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button BTM421 Datasheet HTML 3Page - Laird Tech Smart Technology BTM421 Datasheet HTML 4Page - Laird Tech Smart Technology BTM421 Datasheet HTML 5Page - Laird Tech Smart Technology BTM421 Datasheet HTML 6Page - Laird Tech Smart Technology BTM421 Datasheet HTML 7Page - Laird Tech Smart Technology BTM421 Datasheet HTML 8Page - Laird Tech Smart Technology BTM421 Datasheet HTML 9Page - Laird Tech Smart Technology BTM421 Datasheet HTML 10Page - Laird Tech Smart Technology BTM421 Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
BTM420/421
Bluetooth
® Data Module Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
7
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
Pin
Signal
Description
Voltage Specification
25
Unused
See note 3
26
Unused
See note 3
27
Unused
See note 3
28
GND
See note 3
29
ANT (BTM420)
Antenna connection (50 ohm matched)
See note 3
30
GND
See note 3
31
Unused
See note 3
32
Unused
See note 3
33
Unused
See note 3
34
Unused
See note 3
35
Unused
See note 3
36
Unused
See note 3
37
Unused
See note 3
38
Unused
39
Unused
40
Unused
41
GNd
42
GPIO1 / UART_RI
I/O for hose
VIO
43
Unused
44
Unused
45
GND
46
D-
USB D-
VUSB
47
D+
USB D+
VUSB
48
Unused
49
Unused
50
Unused
Unused pins may have internal connections and must not be connected.
Reset input is active low. Input is pulled up to VDD_IN via 22k. Minimum reset pulse width is 5 ms.
Pins 25-37 should be left not connected on modules with integrated antennae (BTM411, BTM421 and
BTM431)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com