Electronic Components Datasheet Search
  English  ▼

X  

IR2156SPBF Datasheet(PDF) 23 Page - International Rectifier

Part # IR2156SPBF
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156SPBF Datasheet(HTML) 23 Page - International Rectifier

Back Button IR2156SPBF Datasheet HTML 16Page - International Rectifier IR2156SPBF Datasheet HTML 17Page - International Rectifier IR2156SPBF Datasheet HTML 18Page - International Rectifier IR2156SPBF Datasheet HTML 19Page - International Rectifier IR2156SPBF Datasheet HTML 20Page - International Rectifier IR2156SPBF Datasheet HTML 21Page - International Rectifier IR2156SPBF Datasheet HTML 22Page - International Rectifier IR2156SPBF Datasheet HTML 23Page - International Rectifier IR2156SPBF Datasheet HTML 24Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
IR2156(S)&(PbF)
www.irf.com
23
Bill Of Materials
Schematic: Typical Application Diagram, Page 1
Lamp Type: 42W-Quad Biax
Line Input Voltage: 120VAC
Item
Qty
Description
Designator
Value
Manufacturer
Part No.
1
1
Fuse
F1
2
1
Filter Capacitor
CFILTER
0.1
µF/400V
3
1
Filter Inductor
LFILTER
330
µH/0.5A
4
2
Rectifier Diode
DRECT1, DRECT2
1N4007
5
2
Electrolytic Capacitor
CELCAP1, CELCAP2
47
µF/250V
6
1
Resonant Inductor
LRES
1.25mH/1.5A
7
1
Charge Pump Capacitor
CCP
470pF/1kV
8
2
Charge Pump Diodes
DCP1, DCP2
1N4148
9
1
Resonant Capacitor
CRES
6.8nF/1kV
10
1
Snubber Capacitor
CSNUB
470pF/1kV
11
2
Half-Bridge MOSFET
M1, M2
IRF730
12
1
Current Sense Resistor
RCS
0.75R/0.5W
13
1
Limit Resistor
R1
1k/0.25W
14
1
Filter Capacitor
CCS
470pF/16V
15
2
Supply Capacitor
CBOOT, CVCC1
0.1
µF/25V
16
1
Supply Capacitor
CVCC2
2.2
µF/25V
17
1
Bootstrap Diode
DBOOT
10DF6
18
1
Ballast Control IC
IC1
IR2156
19
2
Resistor
RSUPPLY, RBUS
1M/0.25W
20
1
Timing Resistor
RT
39k/0.25W
21
1
Timing Capacitor
CT
470pF/25V
22
1
Preheat Resistor
RPH
75k/0.25W
23
1
Preheat Capacitor
CPH
0.22
µF/25V
24
1
Capacitor
CVDC
0.01
µF/25V
TOTAL
30
Device qualified to Industrial Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com