Electronic Components Datasheet Search
  English  ▼

X  

IRF6613 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6613
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6613 Datasheet(HTML) 2 Page - International Rectifier

  IRF6613 Datasheet HTML 1Page - International Rectifier IRF6613 Datasheet HTML 2Page - International Rectifier IRF6613 Datasheet HTML 3Page - International Rectifier IRF6613 Datasheet HTML 4Page - International Rectifier IRF6613 Datasheet HTML 5Page - International Rectifier IRF6613 Datasheet HTML 6Page - International Rectifier IRF6613 Datasheet HTML 7Page - International Rectifier IRF6613 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF6613
2
www.irf.com
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 1.2mH,
RG = 25Ω, IAS = 18A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Surface mounted on 1 in. square Cu board.
Notes:
… Used double sided cooling, mounting pad.
† Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
‡ TC measured with thermal couple mounted to top (Drain) of
part.
ˆ Rθ is measured at TJ of approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
38
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.6
3.4
m
Ω
–––
3.1
4.1
VGS(th)
Gate Threshold Voltage
1.35
–––
2.25
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.8
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
93
–––
–––
S
Qg
Total Gate Charge
–––
42
63
Qgs1
Pre-Vth Gate-to-Source Charge
–––
11.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.3
–––
nC
Qgd
Gate-to-Drain Charge
–––
12.6
–––
Qgodr
Gate Charge Overdrive
–––
14.6
–––
See Fig. 6 and 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
15.9
–––
Qoss
Output Charge
–––
22
–––
nC
td(on)
Turn-On Delay Time
–––
18
–––
tr
Rise Time
–––
47
–––
td(off)
Turn-Off Delay Time
–––
27
–––
ns
tf
Fall Time
–––
4.9
–––
Ciss
Input Capacitance
–––
5950
–––
Coss
Output Capacitance
–––
990
–––
pF
Crss
Reverse Transfer Capacitance
–––
460
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
3.5
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
180
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
38
57
ns
Qrr
Reverse Recovery Charge
–––
42
63
nC
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 18A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VDD = 16V, VGS = 4.5V
e
VDS = 20V
VDS = 32V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 4.5V
VGS = 4.5V, ID = 18A
e
VDS = VGS, ID = 250µA
VDS = 32V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 23A
e
TJ = 25°C, IF = 18A
di/dt = 100A/µs
e
TJ = 25°C, IS = 18A, VGS = 0V
e
showing the
integral reverse
p-n junction diode.
ID = 18A
VGS = 0V
VDS = 15V
ID = 18A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com