Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 13 Page - Motorola, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33742 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button 33742 Datasheet HTML 9Page - Motorola, Inc 33742 Datasheet HTML 10Page - Motorola, Inc 33742 Datasheet HTML 11Page - Motorola, Inc 33742 Datasheet HTML 12Page - Motorola, Inc 33742 Datasheet HTML 13Page - Motorola, Inc 33742 Datasheet HTML 14Page - Motorola, Inc 33742 Datasheet HTML 15Page - Motorola, Inc 33742 Datasheet HTML 16Page - Motorola, Inc 33742 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33742
13
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA =25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
DIGITAL INTERFACE TIMING (Note 28)
SPI Operation Frequency
fREQ
0.25
–
4.0
MHz
SCLK Clock Period
tPCLK
250
–
N/A
ns
SCLK Clock High Time
tWSCLKH
125
–
N/A
ns
SCLK Clock Low Time
tWSCLKL
125
–
N/A
ns
Falling Edge of CS to Rising Edge of SCLK
tLEAD
100
–
N/A
ns
Falling Edge of SCLK to Rising Edge of CS
tLAG
100
–
N/A
ns
MOSI to Falling Edge of SCLK
tSISU
40
–
N/A
ns
Falling Edge of SCLK to MOSI
tSIH
40
–
N/A
ns
MISO Rise Time (Note 29)
CL = 220 pF
tRSO
–25
50
ns
MISO Fall Time (Note 29)
CL = 220 pF
tFSO
–25
50
ns
Time from Falling or Rising Edges of CS
MISO Low Impedance
MISO High Impedance
tSOEN
tSODIS
–
–
–
–
50
50
ns
Time from Rising Edge of SCLK to MISO Data Valid
0.2 VDD ≤ MISO ≥ 0.8 VDD, CL = 200 pF
tVALID
––
50
ns
STATE MACHINE TIMING
Delay Between CS LOW-to-HIGH Transition (at End of SPI Stop Command)
and Stop Mode Activation (Note 30)
tCS-STOP
18–34
µs
Interrupt Low-Level Duration
Stop Mode
tINT
7.0
10
13
µs
Internal Oscillator Frequency (Note 31)
fOSC
–
100
–
kHz
Watchdog Period Normal and Standby Modes
Period 1
Period 2
Period 3
Period 4
tWD
8.58
39.6
88
308
9.75
45
100
350
10.92
50.4
112
392
ms
Notes
28.
See Figure 4, SPI Timing Diagram, page 17.
29.
Not production tested. Guaranteed by design.
30.
Not production tested. Guaranteed by design. Detected by V2 OFF.
31.
fOSC is indirectly measured (1.0 ms reset) and trimmed.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com