Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33742 Datasheet(HTML) 2 Page - Motorola, Inc

  33742 Datasheet HTML 1Page - Motorola, Inc 33742 Datasheet HTML 2Page - Motorola, Inc 33742 Datasheet HTML 3Page - Motorola, Inc 33742 Datasheet HTML 4Page - Motorola, Inc 33742 Datasheet HTML 5Page - Motorola, Inc 33742 Datasheet HTML 6Page - Motorola, Inc 33742 Datasheet HTML 7Page - Motorola, Inc 33742 Datasheet HTML 8Page - Motorola, Inc 33742 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
33742
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33742 Simplified Internal Block Diagram
Table 1. Significance Device Differences
Motorola Part No.
Reset Duration
Device Differences
See Page
33742
15 ms (typical)
The duration of the reset mode, in which the RST terminal is asserted low, is 15 ms
typical. Reset mode is entered after device power up, when a VDD undervoltage
condition occurred and if the watchdog register is not properly triggered.
15
33742S
3.5 ms (typical)
The duration of the reset mode, in which the RST terminal is asserted low, is 3.5 ms
typical. Reset mode is entered after device power up, when a VDD undervoltage
condition occurred and if the watchdog register is not properly triggered.
15
Programmable
HS Control
Mode Control
Reset
Watchdog
Wake-Up Input
CS
SCLK
MOSI
INT
5.0 V/200 mA
V2CTRL
VDD
HS
Oscillator
V2
WDOG
VSUP
V2
Interrupt
L0
L1
MISO
RXD
TXD
High-Speed 1.0 Mbps
Physical Interface
CANL
CANH
CAN
GND
CAN
Supply
L2
L3
SPI
RST
Dual Voltage Regulator
VSUP Monitor
VDD Monitor
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com