Electronic Components Datasheet Search
  English  ▼

X  

33793 Datasheet(PDF) 13 Page - Motorola, Inc

Part # 33793
Description  Distributed System Interface (DSI) Sensor Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33793 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button 33793 Datasheet HTML 9Page - Motorola, Inc 33793 Datasheet HTML 10Page - Motorola, Inc 33793 Datasheet HTML 11Page - Motorola, Inc 33793 Datasheet HTML 12Page - Motorola, Inc 33793 Datasheet HTML 13Page - Motorola, Inc 33793 Datasheet HTML 14Page - Motorola, Inc 33793 Datasheet HTML 15Page - Motorola, Inc 33793 Datasheet HTML 16Page - Motorola, Inc 33793 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33793
13
Long- and Short-Word Responses
The device responds to long-word commands with long-word
responses and short-word commands with short-word
responses. Responses are sent during the next message
following the command. A long-word response summary is
found in Table 2 and a short-word response summary is found
in Table 3, page 14.
Table 2. Long-Word Response Summary
CMD
hex
Command
Description
Response
0
Initialization
A3
A2
A1
A0
0
0
0
BF
NV
BS
G1
G0
PA3
PA2
PA1
PA0
1
Request Status
A3
A2
A1
A0
0000
NV
U
LO
BS
IO3
IO2
IO1
IO0
2
Request Value
0
A3
A2
A1
A0
0000
B7
B6
B5
B4
B3
B2
B1
B0
3
I/O Control
A3
A2
A1
A0
0000
L3
L2
L1
L0
DR3
DR2
DR1
DR0
4
Request ID
A3
A2
A1
A0
0000
V2
V1
V0
0
0
0
1
1
5
Request Value
1
A3
A2
A1
A0
0000
B7
B6
B5
B4
B3
B2
B1
B0
6
Request Value
2
A3
A2
A1
A0
0000
B7
B6
B5
B4
B3
B2
B1
B0
7
Clear
No Response
8
Request Value
3
A3
A2
A1
A0
0000
B7
B6
B5
B4
B3
B2
B1
B0
9
Read/Write NVM
A3
A2
A1
A0
0000
1111
PA3
PA2
PA1
PA0
A
Reserved
B
Reserved
C
Clear Logic Out
A3
A2
A1
A0
0000
NV
U
LO
BS
IO3
IO2
IO1
IO0
D
Set Logic Out
A3
A2
A1
A0
0000
NV
U
LO
BS
IO3
IO2
IO1
IO0
E
Reserved
F
Reverse Initialization
A3
A2
A1
A0
0
0
0
BF
NV
BS
G1
G0
PA3
PA2
PA1
PA0
Legend
A[3:0] = Address bits. The slave address.
B[7:0] = 8-bit A/D value.
BF = Bus Fault
BS = Status of the Bus Switch (1 = close).
DR[3:0] = I/O direction bits (1 = Output).
G[1:0] = Group assignment (the 33793 does not use these bits).
IO[3:0] = Logic level of I/O.
L[3:0] = Level to output on I/O if configured as outputs.
LO = Logic Out level at the Logic Out pin.
NV = Allows nonvolatile address programming if set to “1”.
PA[3:0] = Bus Address to set the device to.
U = Undervoltage Flag.
V[2:0] = Version number.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com