Electronic Components Datasheet Search
  English  ▼

X  

33793 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 33793
Description  Distributed System Interface (DSI) Sensor Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33793 Datasheet(HTML) 2 Page - Motorola, Inc

  33793 Datasheet HTML 1Page - Motorola, Inc 33793 Datasheet HTML 2Page - Motorola, Inc 33793 Datasheet HTML 3Page - Motorola, Inc 33793 Datasheet HTML 4Page - Motorola, Inc 33793 Datasheet HTML 5Page - Motorola, Inc 33793 Datasheet HTML 6Page - Motorola, Inc 33793 Datasheet HTML 7Page - Motorola, Inc 33793 Datasheet HTML 8Page - Motorola, Inc 33793 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
33793
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33793 Simplified Internal Block Diagram
IO0
H_CAP
BUSOUT
BUSRTN
LOGOUT
REGOUT
IO1
IO2
IO3
BUSIN
Rectifiers
Bus Switch
0 – 35 V Bi-Directional
Forward Receiver
Reverse Receiver
Data
Frame
Received
Message
from MCU
Bandgap
Reference
Data
Frame
Bandgap
Reference
1.0
µF
Typical
Response
Current
0 –11 mA
7.0 mA/
µS
Oscillator
4.0 MHz
Logic
Command Decode
State Machine
Response Generation
I/O Buffers
DataOut <3:0>
DataOut <0>
DataOut <1>
DataOut <2>
DataOut <3>
I/O<3:0>
I/O0
I/O1
I/O2
I/O3
SEL
Logic Out
High
Current
Buffer
Address A<3:0>
4 Bits NVM
Power
Management
5.0 V Regulator
BG Reference
Bias Currents
4:1
MUX
ADC
8 Bits
4
Supply Comparators
POR
Undervoltage
Detector
BG
GND
4.7
µF
Bus Return
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com