Electronic Components Datasheet Search
  English  ▼

X  

MIC2290 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2290
Description  2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2290 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2290 Datasheet HTML 3Page - Micrel Semiconductor MIC2290 Datasheet HTML 4Page - Micrel Semiconductor MIC2290 Datasheet HTML 5Page - Micrel Semiconductor MIC2290 Datasheet HTML 6Page - Micrel Semiconductor MIC2290 Datasheet HTML 7Page - Micrel Semiconductor MIC2290 Datasheet HTML 8Page - Micrel Semiconductor MIC2290 Datasheet HTML 9Page - Micrel Semiconductor MIC2290 Datasheet HTML 10Page - Micrel Semiconductor MIC2290 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
August 2004
7
M9999-081104
MIC2290
Micrel
Functional Description
The MIC2290 is a constant frequency, PWM current mode
boost regulator. The block diagram is shown in Figure 1. The
MIC2290 is composed of an oscillator, slope compensation
ramp generator, current amplifier, g
m error amplifier, PWM
generator, and a 0.5A bipolar output transistor. The oscillator
generates a 1.2MHz clock. The clock’s two functions are to
trigger the PWM generator that turns on the output transistor,
and to reset the slope compensation ramp generator. The
current amplifier is used to measure the switch current by
amplifying the voltage signal from the internal sense resistor.
The output of the current amplifier is summed with the output
of the slope compensation ramp generator. This summed
current-loop signal is fed to one of the inputs of the PWM
generator.
Functional Diagram
GND
CA
VREF
PWM
Generator
Ramp
Generator
1.2MHz
Oscillator
SW
EN
FB
OUT
VIN
1.24V
gm
OVP
Σ
Figure 1. MIC2290 Block Diagram
The g
m error amplifier measures the feedback voltage through
the external feedback resistors and amplifies the error be-
tween the detected signal and the 1.24V reference voltage.
The output of the g
m error amplifier provides the voltage-loop
signal that is fed to the other input of the PWM generator.
When the current-loop signal exceeds the voltage-loop sig-
nal, the PWM generator turns off the bipolar output transistor.
The next clock period initiates the next switching cycle,
maintaining the constant frequency current-mode PWM con-
trol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com