Electronic Components Datasheet Search
  English  ▼

X  

MIC2290 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2290
Description  2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2290 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2290 Datasheet HTML 1Page - Micrel Semiconductor MIC2290 Datasheet HTML 2Page - Micrel Semiconductor MIC2290 Datasheet HTML 3Page - Micrel Semiconductor MIC2290 Datasheet HTML 4Page - Micrel Semiconductor MIC2290 Datasheet HTML 5Page - Micrel Semiconductor MIC2290 Datasheet HTML 6Page - Micrel Semiconductor MIC2290 Datasheet HTML 7Page - Micrel Semiconductor MIC2290 Datasheet HTML 8Page - Micrel Semiconductor MIC2290 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2004
1
M9999-081104
MIC2290
Micrel
MIC2290
2mm
××××× 2mm PWM Boost Regulator with
Internal Schotty Diode
General Description
The MIC2290 is a 1.2MHz , PWM, boost-switching regulator
housed in the small size 2mm
× 2mm MLF™-8 package. The
MIC2290 features an internal Schottky diode that reduces
circuit board area and total solution cost. High power density
is achieved with the MIC2290’s internal 34V/0.5A switch,
allowing it to power large loads in a tiny footprint.
The MIC2290 implements a constant frequency 1.2MHz
PWM control scheme. The high frequency operation saves
board space by reducing external component sizes. The
fixed frequency PWM topology also reduces switching noise
and ripple to the input power source.
The MIC2290’s wide 2.5V to 10V input voltage allows direct
operation from 3- to 4-cell NiCad/NiMH/Alkaline batteries, 1-
and 2-cell Li Ion batteries, as well as fixed 3.3V and 5V
systems.
The MIC2290 is available in a low-profile 2mm
× 2mm
8-pin MLF™ leadless package and operates from a junction
temperature range of –40
°C to +125°C.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Typical Application
4, 8
L1
10
µH
R2
R1
1
7
3
2
MIC2290BML
VIN
Li Ion
Battery
VOUT
12V
EN
SW
OUT
GND
VIN
C1
1
µF
C2
10
µF
FB
6
Simple 12V Boost Regulator
Features
• Internal Schottky diode
• 2.5V to 10V input voltage
• Output voltage adjustable to 34V
• Over 500mA switch current
• 1.2MHz PWM operation
• Stable with ceramic capacitors
• <1% line and load regulation
• Low input and output ripple
• <1
µA shutdown current
• UVLO
• Output overvoltage protection
• Over temperature protection
• 2mm
× 2mm 8-pin MLF™ package
•–40
°C to +125°C junction temperature range
Applications
• Organic EL power supply
• TFT LCD bias supply
• 12V DSL power supply
• CCD bias supply
• SEPIC converters
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
60
65
70
75
80
85
0
0.02
0.04
0.06
0.08
0.1
LOAD CURRENT (A)
12V
OUT
Efficiency
V
IN = 4.2V
V
IN = 3.2V
V
IN = 3.6V


Similar Part No. - MIC2290

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2290 MICREL-MIC2290 Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Microchip Technology
MIC2290 MICROCHIP-MIC2290 Datasheet
426Kb / 13P
2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
October 2007
logo
Micrel Semiconductor
MIC2290BML MICREL-MIC2290BML Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Microchip Technology
MIC2290BML MICROCHIP-MIC2290BML Datasheet
426Kb / 13P
2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
October 2007
logo
Micrel Semiconductor
MIC2290YML MICREL-MIC2290YML Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
More results

Similar Description - MIC2290

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2290 MICREL-MIC2290_07 Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Linear Technology
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
logo
Micrel Semiconductor
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com