Electronic Components Datasheet Search
  English  ▼

X  

MIC2291 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2291
Description  1.2A PWM Boost Regulator Photo Flash LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2291 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2291 Datasheet HTML 1Page - Micrel Semiconductor MIC2291 Datasheet HTML 2Page - Micrel Semiconductor MIC2291 Datasheet HTML 3Page - Micrel Semiconductor MIC2291 Datasheet HTML 4Page - Micrel Semiconductor MIC2291 Datasheet HTML 5Page - Micrel Semiconductor MIC2291 Datasheet HTML 6Page - Micrel Semiconductor MIC2291 Datasheet HTML 7Page - Micrel Semiconductor MIC2291 Datasheet HTML 8Page - Micrel Semiconductor MIC2291 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August, 2004
1
M9999-081104
MIC2291
Micrel
MIC2291
1.2A PWM Boost Regulator
Photo Flash LED Driver
General Description
The MIC2291 is a 1.2MHz Pulse Width Modulation (PWM),
boost-switching regulator that is optimized for high-current,
white LED photo flash applications. With a guaranteed switch
current of 1.2A, the MIC2291 easily drives a string of 3 white
LEDs in series at 100mA, ensuring a high level of brightness
and eliminating several ballast resistors.
The MIC2291 implements a constant frequency, 1.2MHz
PWM control scheme. The high frequency PWM operation
saves board space by reducing external component sizes.
The added benefit of the constant frequency PWM scheme,
in contrast to variable frequency topologies, is much lower
noise and input ripple injected back to the battery source.
To optimize efficiency, the feedback voltage is set to only
95mV. This reduces the power dissipation in the current set
resistor, and allows the lowest total output voltage, hence
minimal current draw from the battery.
The MIC2291 is available with 2 levels of over-voltage
protection, 15V, and 34V. This allows designers to choose
the smallest possible external components with the appropri-
ate voltage ratings for their applications.
The MIC2291 is available in low-profile, Thin SOT23 5-lead
and 8-lead 2mm
×2mmMLF™packageoptions.TheMIC2291
has a junction temperature range of –40
°C to +125°C.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Typical Application
10
µH
0.22
µF
ceramic
0.95
Ω
95mV
1-Cell
Li Ion
3V to 4.2V
1
µF
2
3
1
4
5
MIC2291BD5
VIN
EN
SW
FB
GND
100mA
Thin SOT23 Flash LED Driver
Features
• 2.5V to 10V input voltage
• Output voltage up to 34V
• 1.2A switch current
• 1.2MHz PWM operation
• 95mV feedback voltage
• Overvoltage protection (OVP)
– Options for 15V and 34V
• Stable with ceramic capacitors
• <1% line and load regulation
• 1
µA shutdown current
• Over temperature protection
• UVLO
• Low-profile Thin SOT23-5 package option
• 2mm
× 2mm MLF™ package option
•–40
°C to +125°C junction temperature range
Applications
• Photo Flash LED driver
• Cell phones
• PDAs
• GPS systems
• Digital cameras
• IP phones
• LED flashlights
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MLF and
MicroLeadFrame are trademarks of Amkor Technology, Inc.
PowerPAK is a trademark of Siliconix, Inc.
10
µH
0.22
µF
1
µF
1-Cell
Li Ion
3V to 4.2V
0.95
Ω
MIC2291-15BML
VIN
EN
SW
OVP
FB
GND
95mV
100mA
2mm
××××× 2mm Flash LED Driver with Output OVP


Similar Part No. - MIC2291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291 Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15BML MICREL-MIC2291-15BML Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15BML MICREL-MIC2291-15BML Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15YML MICREL-MIC2291-15YML Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
More results

Similar Description - MIC2291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
Photo flash dual LED driver
Rev. 03-30 June 2009
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
Photo flash LED driver
Rev. 1-28 October 2011
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
logo
Exar Corporation
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com