Electronic Components Datasheet Search
  English  ▼

X  

MIC2291 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2291
Description  1.2A PWM Boost Regulator Photo Flash LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2291 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2291 Datasheet HTML 1Page - Micrel Semiconductor MIC2291 Datasheet HTML 2Page - Micrel Semiconductor MIC2291 Datasheet HTML 3Page - Micrel Semiconductor MIC2291 Datasheet HTML 4Page - Micrel Semiconductor MIC2291 Datasheet HTML 5Page - Micrel Semiconductor MIC2291 Datasheet HTML 6Page - Micrel Semiconductor MIC2291 Datasheet HTML 7Page - Micrel Semiconductor MIC2291 Datasheet HTML 8Page - Micrel Semiconductor MIC2291 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
August, 2004
5
M9999-081104
MIC2291
Micrel
Functional Description
The MIC2291 is a constant frequency, PWM current mode
boost regulator. The block diagram is shown above. The
MIC2291 is composed of an oscillator, slope compensation
ramp generator, current amplifier, g
m error amplifier, PWM
generator,
and a 500mA bipolar output transistor. The
oscillator generates a 1.2MHz clock. The clock’s two func-
tions are to trigger the PWM generator that turns on the output
transistor and to reset the slope compensation ramp genera-
tor. The current amplifier is used to measure the switch
current by amplifying the voltage signal from the internal
sense resistor. The output of the current amplifier is summed
with the output of the slope compensation ramp generator.
This summed current-loop signal is fed to one of the inputs of
the PWM generator.
Functional Diagram
GND
VREF
PWM
Generator
Ramp
Generator
1.2MHz
Oscillator
SW
EN
FB
OVP*
VIN
95mV
*OVP available on MLFTM package option only
gm
OVP*
Σ
Figure 1. MIC2291 Block Diagram
The g
m error amplifier measures the LED current through the
external sense resistor and amplifies the error between the
detected signal and the 95mV reference voltage. The output
of the g
m error amplifier provides the voltage-loop signal that
is fed to the other input of the PWM generator. When the
current-loop signal exceeds the voltage-loop signal, the
PWM generator turns off the bipolar output transistor. The
next clock period initiates the next switching cycle, maintain-
ing the constant frequency current-mode PWM control. The
LED is set by the feedback resistor:
I
LED =
95mv
R
FB
The Enable pin shuts down the output switching and disables
control circuitry to reduce input current-to-leakage levels.
Enable pin input current is zero at zero volts.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com