Electronic Components Datasheet Search
  English  ▼

X  

MIC2204BML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2204BML
Description  High-Efficiency 2MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2204BML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2204BML Datasheet HTML 3Page - Micrel Semiconductor MIC2204BML Datasheet HTML 4Page - Micrel Semiconductor MIC2204BML Datasheet HTML 5Page - Micrel Semiconductor MIC2204BML Datasheet HTML 6Page - Micrel Semiconductor MIC2204BML Datasheet HTML 7Page - Micrel Semiconductor MIC2204BML Datasheet HTML 8Page - Micrel Semiconductor MIC2204BML Datasheet HTML 9Page - Micrel Semiconductor MIC2204BML Datasheet HTML 10Page - Micrel Semiconductor MIC2204BML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC2204
Micrel
M0214-012904
8
January 2004
Applications Information
Input Capacitor
A minimum 1
µF ceramic is recommended on the VIN pin for
bypassing. X5R or X7R dielectrics are recommended for the
input capacitor. Y5V dielectrics are not recommended: they
lose most of their capacitance over temperature and also
become resistive at high frequencies. This reduces their
ability to filter out high frequency noise.
Output Capacitor
The MIC2204 was designed specifically for the use of a 4.7
µF
ceramic output capacitor. The output capacitor requires
either an X7R or X5R dielectric. Y5V and Z5U dielectric
capacitors, aside from the undesirable effect of their wide
variation in capacitance over temperature, become resistive
at high frequencies. Using Y5V or Z5U capacitors will cause
instability in the MIC2204. For output voltages less than 1.6V,
a 10
µF capacitor may be required for stability. See the
“Compensation” section for more detail.
Total output capacitance should not exceed 15
µF. Large
values of capacitance can cause current limit to engage
during start-up. If larger than 15
µF is required, a feed-forward
capacitor from the output to the feedback node should be
used to slow the start-up time.
Inductor Selection
Inductor selection will be determined by the following (not
necessarily in the order of importance):
• Inductance
• Rated current value
• Size requirements
• DC resistance (DCR)
The MIC2204 is designed for use with a 4.7
µH inductor.
Maximum current ratings of the inductor are generally given
in two methods: permissible DC current and saturation cur-
rent. Permissible DC current can be rated either for a 40
°C
temperature rise or a 10% loss in inductance. Ensure the
inductor selected can handle the maximum operating cur-
rent. When saturation current is specified, make sure that
there is enough margin that the peak current will not saturate
the inductor.
The size requirements refer to the area and height require-
ments that are necessary to fit a particular design. Please
refer to the inductor dimensions on their data sheet.
DC resistance is also important. While DCR is inversely
proportional to size, DCR can represent a significant effi-
ciency loss. Refer to the
“Efficiency Considerations ” below
for a more detailed description.
Table 1 below shows a list of recommended 4.7
µH inductors
by manufacturer, part number and key specifications.
Bias Capacitor
A small 10nF ceramic capacitor is required to bypass the
BIAS pin. The use of low ESR ceramics provides improved
filtering for the bias supply.
Efficiency Considerations
Efficiency is defined as the amount of useful output power,
divided by the amount of power consumed.
Efficiency %
VI
VI
100
OUT
OUT
IN
IN
=
×
×


×
Maintaining high-efficiency serves two purposes. It reduces
power dissipation in the power supply, reducing the need for
heat sinks and thermal design considerations and it reduces
consumption of current for battery powered applications.
Reduced current draw from a battery increases the devices
operating time, critical in handheld devices.
There are two loss terms in switching converters: DC losses
and switching losses. DC losses are simply the power dissi-
pation of I2R. For example, power is dissipated in the high-
side switch during the on cycle, where power loss is equal to
the high-side MOSFET R
DSON multiplied by the Switch
Current2. During the off cycle, the low-side N-Channel
MOSFET conducts, also dissipating power. Device operating
current also reduces efficiency. The product of the quiescent
(operating) current and the supply voltage is another DC loss.
The current required to drive the gates on and off at a constant
2MHz frequency and the switching transitions make up the
switching losses.
Manufacturer
P/N
H(mm)
W(mm)
L(mm)
DCR(m
Ω)
Sumida
CDRH2D18-4R7
2
3.2
3.2
81
Murata
LQH43CN4R7M01
2.6
3.2
4.6
150
Murata
LQH32CN4R7M11
2.2
2.7
3.4
195
Coilcraft
1008PS-472M
2.74
3.8
3.8
350
Low Profile
TDK
LDR5610T-4R7MR90
1
5.2
5.8
240
Sumida
CMD4D06
0.8
6.3
5.8
216
Table 1. Component Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com