Electronic Components Datasheet Search
  English  ▼

X  

MIC2204BML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2204BML
Description  High-Efficiency 2MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2204BML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2204BML Datasheet HTML 3Page - Micrel Semiconductor MIC2204BML Datasheet HTML 4Page - Micrel Semiconductor MIC2204BML Datasheet HTML 5Page - Micrel Semiconductor MIC2204BML Datasheet HTML 6Page - Micrel Semiconductor MIC2204BML Datasheet HTML 7Page - Micrel Semiconductor MIC2204BML Datasheet HTML 8Page - Micrel Semiconductor MIC2204BML Datasheet HTML 9Page - Micrel Semiconductor MIC2204BML Datasheet HTML 10Page - Micrel Semiconductor MIC2204BML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MIC2204
Micrel
M0214-012904
10
January 2004
PWM Operation
The MIC2204 is a pulsewidth modulation (PWM) controller.
By controlling the ratio of on-to-off time, or duty cycle, a
regulated DC output voltage is achieved. As load or supply
voltage changes, so does the duty cycle to maintain a
constant output voltage. In cases where the input supply runs
into a dropout condition, the MIC2204 will run at 100% duty
cycle.
The MIC2204 provides constant switching at 2MHz with
synchronous internal MOSFETs. The internal MOSFETs
include a high-side P-Channel MOSFET from the input
supply to the switch pin and an N-Channel MOSFET from the
switch pin to ground. Since the low-side N-Channel MOSFET
provides the current during the off cycle, a free wheeling
Schottky diode from the switch node to ground is not required.
PWM control provides fixed frequency operation. By main-
taining a constant switching frequency, predictable funda-
mental and harmonic frequencies are achieved. Other meth-
ods of regulation, such as burst and skip modes, have
frequency spectrums that change with load and can interfere
with sensitive communication equipment.
Synchronization
SYNC_IN allows the user to change the frequency from
2MHz up to 2.5MHz or down to 1.8MHz. This controls the
fundamental frequency and all the resultant harmonics. Main-
taining a predictable frequency creates the ability to either
shift the harmonics away from sensitive carrier and IF fre-
quency bands, or to accurately filter out specific harmonic
frequencies.
Connecting the SYNC_OUT function pin to the SYNC_IN of
other MIC2204s will synchronize multiple MIC2204s in a
daisy-chain. Synchronizing multiple MIC2204s means that
regulators will run at the same fundamental frequency, result-
ing in matched harmonic frequencies and simplifying design
for sensitive communication equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com