Electronic Components Datasheet Search
  English  ▼

X  

LM9140 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9140
Description  Precision Micropower Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9140 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9140 Datasheet HTML 1Page - National Semiconductor (TI) LM9140 Datasheet HTML 2Page - National Semiconductor (TI) LM9140 Datasheet HTML 3Page - National Semiconductor (TI) LM9140 Datasheet HTML 4Page - National Semiconductor (TI) LM9140 Datasheet HTML 5Page - National Semiconductor (TI) LM9140 Datasheet HTML 6Page - National Semiconductor (TI) LM9140 Datasheet HTML 7Page - National Semiconductor (TI) LM9140 Datasheet HTML 8Page - National Semiconductor (TI) LM9140 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 4)
(Note 5)
(Limit)
I
RMIN
Minimum Operating Current
50
µA
68
µA (max)
73
µA (max)
∆V
R/∆T
Average Reverse Breakdown
I
R = 10 mA
±10
ppm/˚C
Voltage Temperature
I
R = 1mA
±10
±25
ppm/˚C (max)
Coefficient (Note 7)
I
R = 100 µA
±10
ppm/˚C
∆V
R/∆IR
Reverse Breakdown Voltage
I
RMIN ≤ IR ≤ 1 mA
0.5
mV
Change with Operating
0.9
mV (max)
Current Change
1.2
mV (max)
1mA
≤ I
R ≤ 15 mA
3.0
mV
7.0
mV (max)
10.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1 mA, f = 120 Hz,
0.5
Ω
I
AC = 0.1 IR
1.0
Ω(max)
e
N
Wideband Noise
I
R = 100 µA
80
µV
rms
10 Hz
≤ f ≤ 10 kHz
∆V
R
Reverse Breakdown Voltage
t = 1000 hrs
Long Term Stability
T = 25˚C ±0.1˚C
120
ppm
I
R = 100 µA
LM9140BYZ-5.0
Electrical Characteristics
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 4)
(Note 5)
(Limit)
V
R
Reverse Breakdown Voltage
I
R = 100 µA
5.000
V
Reverse Breakdown Voltage
I
R = 100 µA
±25.0
mV (max)
Tolerance (Note 6)
±33.1
mV (max)
I
RMIN
Minimum Operating Current
55
µA
74
µA (max)
80
µA (max)
∆V
R/∆T
Average Reverse Breakdown
I
R = 10 mA
±10
ppm/˚C
Voltage Temperature
I
R = 1mA
±10
±25
ppm/˚C (max)
Coefficient (Note 7)
I
R = 100 µA
±10
ppm/˚C
∆V
R/∆IR
Reverse Breakdown Voltage
I
RMIN ≤ IR ≤ 1 mA
0.5
mV
Change with Operating
1.0
mV (max)
Current Change
1.4
mV (max)
1mA
≤ I
R ≤ 15 mA
3.5
mV
8.0
mV (max)
12.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1 mA, f = 120 Hz,
0.5
Ω
I
AC = 0.1 IR
1.1
Ω(max)
e
N
Wideband Noise
I
R = 100 µA
80
µV
rms
10 Hz
≤ f ≤ 10 kHz
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com