Electronic Components Datasheet Search
  English  ▼

X  

LM9140 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9140
Description  Precision Micropower Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9140 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9140 Datasheet HTML 1Page - National Semiconductor (TI) LM9140 Datasheet HTML 2Page - National Semiconductor (TI) LM9140 Datasheet HTML 3Page - National Semiconductor (TI) LM9140 Datasheet HTML 4Page - National Semiconductor (TI) LM9140 Datasheet HTML 5Page - National Semiconductor (TI) LM9140 Datasheet HTML 6Page - National Semiconductor (TI) LM9140 Datasheet HTML 7Page - National Semiconductor (TI) LM9140 Datasheet HTML 8Page - National Semiconductor (TI) LM9140 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM9140
Precision Micropower Shunt Voltage Reference
General Description
The LM9140’s reverse breakdown voltage temperature coef-
ficients of ±25 ppm/˚C are ideal for precision applications.
The LM9140’s advanced design eliminates the need for an
external stabilizing capacitor while ensuring stability with any
capacitive load, thus making the LM9140 easy to use. Fur-
ther reducing design effort is the availability of several fixed
reverse breakdown voltages: 2.500V, 4.096V, 5.000V, and
10.000V. The minimum operating current increases from
60 µA for the LM9140-2.5 to 100 µA for the LM9140-10.0. All
versions have a maximum operating current of 15 mA.
The LM9140 utilizes fuse and zener-zap reverse breakdown
voltage trim during wafer sort to ensure that the prime parts
have an accuracy of better than ±0.5% (B grade) at 25˚C.
Bandgap reference temperature drift curvature correction
and low dynamic impedance ensure stable reverse break-
down voltage accuracy over a wide range of operating tem-
peratures and currents.
Features
n
Guaranteed temperature coefficient of ±25 ppm/˚C
n
Reverse breakdown voltage tolerance of ±0.5%
n
Small package: TO-92
n
No output capacitor required
n
Tolerates capacitive loads
n
Fixed reverse breakdown voltages of 2.500V, 4.096V,
5.000V, and 10.000V
Key Specifications
(LM9140-2.5)
n
Temperature coefficient:
±25 ppm/˚C (max)
n
Output voltage tolerance:
±0.5% (max)
n
Low output noise (10 Hz to 10 kHz):
35 µV
rms (typ)
n
Wide operating current range:
60 µA to 15 mA
n
Industrial temperature range:
−40˚C to +85˚C
Applications
n
Portable, Battery-Powered Equipment
n
Data Acquisition Systems
n
Instrumentation
n
Process Control
n
Energy Management
n
Product Testing
n
Automotive
n
Precision Audio Components
Connection Diagram
Ordering Information
Reverse Breakdown
Voltage Tolerance at 25˚C
Z (TO-92)
and Average Reverse Breakdown
Voltage Temperature Coefficient
0.5%, 25 ppm/˚C max
LM9140BYZ-2.5,
LM9140BYZ-4.1,
LM9140BYZ-5.0,
LM9140BYZ-10.0
TO-92
DS011393-2
Bottom View
See NS Package Number Z03A
April 1998
© 1998 National Semiconductor Corporation
DS011393
www.national.com


Similar Part No. - LM9140

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
LM91DIMQA OKI-LM91DIMQA Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
LM91DIMQAX OKI-LM91DIMQAX Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
More results

Similar Description - LM9140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com