Electronic Components Datasheet Search
  English  ▼

X  

700 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # 700
Description  Highly compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

700 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  700 Datasheet HTML 1Page - Laird Tech Smart Technology 700 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THR-DS-TFLEX-700_07_2_14
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility
for the use and application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies
makes no warranties as to the fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be
liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from
time to time, a copy of which will be furnished upon request. © Copyright 2010 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo,
and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of
third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights. A15955-00 Rev E, 7/2014.
STANDARD THICKNESSES
Standard thickness 0.020” (0.5mm) through 0.200” (5.0mm)
available in 0.010” (0.25mm) increments.
MATERIAL NAME AND THICKNESS
Tflex™ - indicates elastomeric gap filler product line.
7XXX - indicates Tflex™ 700 product line and thickness in mils (0.001-inches).
-DC1 - one side tacky; default is both sides tacky.
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
Tflex™ 700
TEST METHOD
Construction
Filled Silicone Sheet
N/A
Color
Dark Grey
Visual
Thermal Conductivity (W/mK)
5.0
Hot Disk™
Hardness (Shore 00)
66; 3
ASTM D2240
Specific Gravity
1.73
Helium Pyncometer
Thickness Range
0.020” - .200” (0.5 - 5.0mm)
Thickness Tolerance
±10%
UL Flammability Rating
94 V0
File E180840
Temperature Range
-45°C to 200°C
See reliability report
Volume Resistivity (ohm-cm)
1 x 1013
ASTM D257
Outgassing TML
1.0%
ASTM E595
Outgassing CVCM
0.13%
ASTM E595
Tflex™ 700 Series
Thermal Gap Filler



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com