Electronic Components Datasheet Search
  English  ▼

X  

RO5206NF Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # RO5206NF
Description  All NMO mount antennas listed in this catalog section require the NMOHF-style
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO5206NF Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  RO5206NF Datasheet HTML 1Page - Pulse A Technitrol Company RO5206NF Datasheet HTML 2Page - Pulse A Technitrol Company RO5206NF Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
32
www.pulseelectronics.com/products/antennas
LTE, 4G, BROADBAND
NOTE: Antennas are not to scale
NMO4E
EF
NMO5E
LTE, 4G BroadBand whips
Frequency
Gain
Max height
Cable
Model
Type
(Mhz)
(dBd/dBi)
(in)
Vswr
assembly
EF2405NMO
Elevated Feed
2400-2500
2.9/5
16
<1.5:1
Order Separately
EF4905NMO
Elevated Feed
4900-5000
2.9/5
12
<1.5:1
Order Separately
NMO4E4900B
Elevated Feed
4900-5350
1.9/4
4.5
2:1
Order Separately
NMO4E5350B
Elevated Feed
5350-5925
4.9/4
4.5
2:1
Order Separately
NMO5E2400B
Collinear
2400-2500
2.95
8.5
1.5:1
Order Separately
R380500109
Dipole
2400-2500
0/2
3.5
1.5:1
Order Separately
R380500125
Dipole
2400-2500
0/2
2.5
1.5:1
Order Separately
SPDA17RP2400/5900 PCB
2400-2500
0/2
6 (Bent)
2:1
Order Separately
4900-5900
2.9/5
7 (Straight)
SPDA17806/2170LAR
PCB
806-960
0/.5
6 (Bent)
2.5:1
Order Separately
1710-2170
0/.5
7.5 (Straight)
SPDA24700/2700
PCB
698-960
0/0
9 (Straight)
2.5:1
Order Separately
1710-2170
0/0
2500-2700
0/0
SPDA17806/2170LAR
The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17’ of UD (RG-58/U Dual Shield).
NOTE: All NMO mount antennas listed in this catalog section require the NMOHF-style (high fre-
quency 27 MHz - 6 GHz) mount.
R380.500.125
R380.500.109
SPDA17RP2400/5900
SPDA24700/2700
GPSDM700/2500
Gps LTE dirECT MounTs
size
Frequency
Gain
h x dia
Model
(Mhz)
(dBd/dBi) polarization
Vswr Mounting
Voltage
(in)
Cable
Conn
GPSDM700/2500FFS 698-960/1710-2170/2300-2700
.9/3
Linear Vertical 2.0:1
3/4” Hole
3 or 5
3.5 x 4.16
17’ RG-58
FME
2400-2485/5150-5850
3.9/6
Linear Vertical
17’ RG-58
FME
1575.42
5 dBic
RHCP
17’ RG-174 SMA


Similar Part No. - RO5206NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
RO58 INFINEON-RO58 Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
logo
Pulse A Technitrol Comp...
RO5805NM PULSE-RO5805NM Datasheet
993Kb / 2P
Omnidirectional Antenna
RO5810NF PULSE-RO5810NF Datasheet
751Kb / 9P
RO, 10 dBi, 5.725-5.925 GHz, NF
RO5810NM PULSE-RO5810NM Datasheet
749Kb / 9P
RO, 10 dBi, 5.725-5.925 GHz, NM
More results

Similar Description - RO5206NF

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83R125 KB-HE83R125 Datasheet
322Kb / 18P
This chip is suitable for the applications that require higher performance
logo
Pasternack Enterprises,...
PE51020 PASTERNACK-PE51020 Datasheet
72Kb / 1P
NMO MOUNT, FOR ANTENNAS OVER 1GHz, SMA CONNECTOR, DC-5800MHZ
logo
Murata Manufacturing Co...
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
Explanation of Symbols in This Catalog
logo
List of Unclassifed Man...
S2112 ETC2-S2112 Datasheet
125Kb / 3P
NAVIGATE THE CATALOG BY SECTION
S2134 ETC2-S2134 Datasheet
125Kb / 3P
NAVIGATE THE CATALOG BY SECTION
logo
STANLEY ELECTRIC CO.,LT...
VFHA1111C-3BZ2C-TR STANLEY-VFHA1111C-3BZ2C-TR Datasheet
696Kb / 21P
As for this product, the part number listed in the catalog had been changed because of renewed narrower spec.
VFHY1111C-3BX2D-TR STANLEY-VFHY1111C-3BX2D-TR Datasheet
720Kb / 21P
As for this product, the part number listed in the catalog had been changed because of renewed narrower spec.
VFHR1111C-3BY2A-TR STANLEY-VFHR1111C-3BY2A-TR Datasheet
693Kb / 21P
As for this product, the part number listed in the catalog had been changed because of renewed narrower spec.
VFHV1111C-3BY2B-TR STANLEY-VFHV1111C-3BY2B-TR Datasheet
714Kb / 21P
As for this product, the part number listed in the catalog had been changed because of renewed narrower spec.
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com