Electronic Components Datasheet Search
  English  ▼

X  

RO5206NF Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # RO5206NF
Description  All NMO mount antennas listed in this catalog section require the NMOHF-style
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO5206NF Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  RO5206NF Datasheet HTML 1Page - Pulse A Technitrol Company RO5206NF Datasheet HTML 2Page - Pulse A Technitrol Company RO5206NF Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1 800 ANTENNA (268-3662)
33
LTE, 4G, BROADBAND
NOTE: Antennas are not to scale
LTE, 4G, BroadBand sTEaLTh BLadEs
Stealth Blade antennas hava a gain of 2.14 dBi, a maximum power of 3 Watts and linear polarization
Frequency
dimensions
Model
(Mhz)
Type
L x w (in)
Color
Coax
Connector
SB24003
2400-2500
Dipole
3 x .75
Black
3’ RG-174
No Conn
SB24006
2400-2500
Dipole
3 x .75
Black
6’ RG-174
No Conn
SB2400SMA3
2400-2500
Dipole
3 x .75
Black
3’ RG-174
SMA
SB2400SMA6
2400-2500
Dipole
3 x .75
Black
6’ RG-174
SMA
SB2400SMB3
2400-2500
Dipole
3 x .75
Black
3’ RG-174
SMB
SB2400SMB6
2400-2500
Dipole
3 x .75
Black
6’ RG-174
SMB
SB2400MMCX3
2400-2500
Dipole
3 x .75
Black
3’ RG-174
MMCX
SB2400MMCX6
2400-2500
Dipole
3 x .75
Black
6’ RG-174
MMCX
LTE, 4G, BroadBand panELs
size
Frequency
Gain
L x w x d
Model
(Mhz)
(dBd/dBi)
Vswr
(in)
polarization
Connector
PA2101850N
1850-1990
7.9/10
2:1
9.5 x 4 x .8
Vertical
N Female
PA4142400N
2400-2485
12.5/14.2
1.5:1
9.5 x .8 x 8.6
Vertical
N Female
700/800/900/1850 Mhz Low proFiLE
size
power
Frequency
Gain
h x dia
rating
Cable
Model
(Mhz)
(dBd/dBi)
Mount
(in)
(watts)
Color
assembly
LPT825/19NMOHF
Cellular: 806-960
.8/3
NMOHF
3 x 1.75
10
Black
Order Separately
PCS: 1710-2170
.8/3
ISM: 2400
1.9/4
LPT2400NMOHF
2400-2500
2.9/5
NMOHF
3 x 1.75
10
Black
Order Separately
SLPT698/2170NMOHF
LTE: 698-960
2.35/4.5
NMOHF
3 x 1.75
10
Black
Order Separately
PCS: 1710-2170
3.45/5.6
ISM: 2400-2700
1.85/4
SLPT2400NMOHF
2400-2500
2.15/4.3
NMOHF
2.6 x 1.5
10
Black
Order Separately
SLPT4900NMOHF
4900-5900
3.35/5.5
NMOHF
2.6 x 1.5
10
Black
Order Separately
SLPT2400/5900NMOHF
2400-2500
2.15/4.3
NMOHF
2.6 x 1.5
10
Black
Order Separately
4900-5900
3.35/5.5
LPT698/2170DM
LTE: 698-960
2.35/4.5
Direcct
3 x 1.75
10
Black
Order Separately
PCS: 1710-2170
3.45/5.6
(N Female)
ISM: 2400-2700
1.85/4
SLPT2400DMN
2400-2500
2.15/4.3
Direct
2.6 x 1.5
10
Black
Order Separately
(N Female)
SLPT4900DMN
4900-5900
3.35/5.5
Direct
2.6 x 1.5
10
Black
Order Separately
(N Female)
SLPT2400/5900DMN
2400-2500
2.15/4.3
Direct
2.6 x 1.5
10
Black
Order Separately
4900-5900
3.35/5.5
(N Female)
LPT
SLPT
NMO
SLPT
DM
NOTE: All NMO mount antennas listed in this catalog section require the NMOHF-style (high fre-
quency 27 MHz - 6 GHz) mount.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com