Electronic Components Datasheet Search
  English  ▼

X  

LMH6504 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6504
Description  Wideband, Low Power, Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6504 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6504 Datasheet HTML 1Page - National Semiconductor (TI) LMH6504 Datasheet HTML 2Page - National Semiconductor (TI) LMH6504 Datasheet HTML 3Page - National Semiconductor (TI) LMH6504 Datasheet HTML 4Page - National Semiconductor (TI) LMH6504 Datasheet HTML 5Page - National Semiconductor (TI) LMH6504 Datasheet HTML 6Page - National Semiconductor (TI) LMH6504 Datasheet HTML 7Page - National Semiconductor (TI) LMH6504 Datasheet HTML 8Page - National Semiconductor (TI) LMH6504 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Electrical Characteristics(Note 2) (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VS = ±5V, AVMAX = 9.7 V/V, RF =1k
Ω,R
G = 100
Ω,V
IN =
±0.1V, R
L = 100
Ω,V
G = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
DC & Miscellaneous Performance
GACCU
Gain Accuracy
(See Application Note)
V
G = 2.0V
0
±0.45
dB
0.8V < V
G < 2V
±0.33
±3.9
G Match
Gain Matching
(See Application Note
V
G = 2.0V
—
±0.42
dB
0.8V < V
G < 2V
—
+2.8/−4.2
K
Gain Multiplier
(See Application Notes)
0.920
0.916
0.965
1.01
1.02
V/V
V
IN NL
Input Voltage Range
R
G Open
±3.2
V
V
IN LRG = 100
Ω
±0.48
±0.40
±0.68
I
RG_MAX
R
G Current
Pin 3
±4.8
±4.0
±6.8
mA
I
BIAS
Bias Current
Pin 2 (Note 7)
−1.4
−3.5
−3.7
µA
TC I
BIAS
Bias Current Drift
Pin 2 (Note 8)
–190
pA/˚C
R
IN
Input Resistance
Pin 2
7
M
Ω
C
IN
Input Capacitance
Pin 2
2.8
pF
I
VG
V
G Bias Current
Pin 1, V
G = 2V (Note 7)
0.9
µA
TC I
VG
V
G Bias Drift
Pin 1 (Note 8)
10
pA/˚C
R
VG
V
G Input Resistance
Pin 1
25
M
Ω
C
VG
V
G Input Capacitance
Pin 1
2.8
pF
V
OUT L
Output Voltage Range
R
L = 100
Ω
±2.0
±1.7
±2.2
V
V
OUT NL
R
L = Open
±3.1
R
OUT
Output Impedance
DC
0.12
Ω
I
OUT
Output Current
V
OUT = ±4V from Rails
±60
±40
±80
mA
V
O
OFFSET
Output Offset Voltage
0V < V
G < 2V
±10
±55
±70
mV
+PSRR
+Power Supply Rejection Ratio
(Note 9)
Input Referred, 1V change,
V
G = 2.2V
–65
–76
dB
−PSRR
−Power Supply Rejection Ratio
(Note 9)
Input Referred, 1V change,
V
G = 2.2V
–65
–88
dB
I
S
Supply Current
No Load
8.5
6.5
11
15
16
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com