Electronic Components Datasheet Search
  English  ▼

X  

LMH6504 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6504
Description  Wideband, Low Power, Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6504 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6504 Datasheet HTML 1Page - National Semiconductor (TI) LMH6504 Datasheet HTML 2Page - National Semiconductor (TI) LMH6504 Datasheet HTML 3Page - National Semiconductor (TI) LMH6504 Datasheet HTML 4Page - National Semiconductor (TI) LMH6504 Datasheet HTML 5Page - National Semiconductor (TI) LMH6504 Datasheet HTML 6Page - National Semiconductor (TI) LMH6504 Datasheet HTML 7Page - National Semiconductor (TI) LMH6504 Datasheet HTML 8Page - National Semiconductor (TI) LMH6504 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMH6504
Wideband, Low Power, Variable Gain Amplifier
General Description
The LMH™6504 is a wideband DC coupled voltage con-
trolled gain stage followed by a high-speed current feedback
Op Amp which can directly drive a low impedance load. Gain
adjustment range is 80 dB for up to 10 MHz by varying the
gain control input voltage, V
G.
Maximum gain is set by external components, and the gain
can be reduced all the way to cut-off. Power consumption is
110 mW with a speed of 150 MHz and a gain control band-
width (BW) of 150 MHz. Output referred DC offset voltage is
less than 55 mV over the entire gain control voltage range.
Device-to-device gain matching is within ±0.42 dB at maxi-
mum gain. Furthermore, gain is tested and guaranteed over
a wide range. The output current feedback Op Amp allows
high frequency large signals (Slew Rate > 1500 V/µs) and
can also drive a heavy load current (60 mA). Near ideal input
characteristics (i.e. low input bias current, low offset, low pin
3 resistance) enable the device to be easily configured as an
inverting amplifier as well (see Application Information sec-
tion for details).
To provide ease of use when working with a single supply,
V
G range is set to be from 0V to +2V relative to the ground
pin potential (pin 4). V
G input impedance is high in order to
ease drive requirement. In single supply operation, the
ground pin is tied to a "virtual" half supply.
LMH6504 gain control is linear in dB for a large portion of the
total gain control range. This makes the device suitable for
AGC applications. For linear gain control applications, see
LMH6503 data sheet.
The combination of minimal external components and small
outline packages (SO8 and MSOP8) allows the LMH6504 to
be used in space-constrained applications.
Features
V
S = ±5V, TA = 25˚C, RF =1K
Ω,R
G = 100
Ω,R
L = 100
Ω,A
V
=A
VMAX = 9.7V/V, Typical values unless specified.
n
−3 dB BW
150 MHz
n
Gain control BW
150 MHz
n
Adjustment range (<10 MHz)
80 dB
n
Output offset voltage
±55 mV
n
Gain matching (limit)
±0.42 dB
n
Supply voltage range
7V to 12V
n
Slew rate (inverting)
1500 V/µs
n
Supply Current (no load)
11 mA
n
Linear Output Current
±60 mA
n
Output Voltage Swing
±2.2V
n
Input Noise Voltage
4.4 nV/
n
Input Noise Current
2.6 pA/
n
THD (20 MHz, R
L = 100
Ω,V
O =2VPP)
−45dBc
n
Replacement for CLC5523
Applications
n
Variable attenuator
n
AGC
n
Voltage controlled filter
n
Video imaging processing
20084311
Gain vs. V
G
Typical Application
20084302
A
VMAX = 9.7 V/V
LMH™ is a trademark of National Semiconductor Corporation.
June 2004
© 2004 National Semiconductor Corporation
DS200843
www.national.com


Similar Part No. - LMH6504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6504 TI1-LMH6504 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
LMH6504 TI1-LMH6504 Datasheet
1Mb / 29P
LMH6504 Wideband, Low Power, Variable Gain Amplifier
LMH6504 TI2-LMH6504 Datasheet
1Mb / 33P
LMH6504 Wideband, Low Power, Variable Gain Amplifier
REVISED MARCH 2013
LMH6504MA/NOPB TI1-LMH6504MA/NOPB Datasheet
1Mb / 29P
LMH6504 Wideband, Low Power, Variable Gain Amplifier
LMH6504MA/NOPB TI2-LMH6504MA/NOPB Datasheet
1Mb / 33P
LMH6504 Wideband, Low Power, Variable Gain Amplifier
REVISED MARCH 2013
More results

Similar Description - LMH6504

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
Wideband variable gain amplifier
1997 Nov 07
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6504 TI1-LMH6504 Datasheet
1Mb / 29P
LMH6504 Wideband, Low Power, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com