Electronic Components Datasheet Search
  English  ▼

X  

LP3995 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3995
Description  Micropower 150mA CMOS Voltage Regulator with Active Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3995 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3995 Datasheet HTML 1Page - National Semiconductor (TI) LP3995 Datasheet HTML 2Page - National Semiconductor (TI) LP3995 Datasheet HTML 3Page - National Semiconductor (TI) LP3995 Datasheet HTML 4Page - National Semiconductor (TI) LP3995 Datasheet HTML 5Page - National Semiconductor (TI) LP3995 Datasheet HTML 6Page - National Semiconductor (TI) LP3995 Datasheet HTML 7Page - National Semiconductor (TI) LP3995 Datasheet HTML 8Page - National Semiconductor (TI) LP3995 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Ordering Information
For micro SMD Package
Output Voltage
(V)
Grade
LP3995 Supplied as 250
Units, Tape and Reel
LP3995 Supplied as
3000 Units, Tape and
Reel
Package
Marking
1.5
STD
LP3995ITL-1.5
LP3995ITLX-1.5
1.6
STD
LP3995ITL-1.6
LP3995ITLX-1.6
1.8
STD
LP3995ITL-1.8
LP3995ITLX-1.8
1.9
STD
LP3995ITL-1.9
LP3995ITLX-1.9
2.1
STD
LP3995ITL-2.1
LP3995ITLX-2.1
2.5
STD
LP3995ITL-2.5
LP3995ITLX-2.5
2.8
STD
LP3995ITL-2.8
LP3995ITLX-2.8
2.85
STD
LP3995ITL-2.85
LP3995ITLX-2.85
3.0
STD
LP3995ITL-3.0
LP3995ITLX-3.0
For micro SMD Package unleaded
Output Voltage
(V)
Grade
LP3995 Supplied as 250
Units, Tape and Reel
LP3995 Supplied as
3000 Units, Tape and
Reel
Package
Marking
1.5 (Note 2)
STD
LP3995ITL-1.5
LP3995ITLX-1.5
1.6 (Note 2)
STD
LP3995ITL-1.6
LP3995ITLX-1.6
1.8 (Note 2)
STD
LP3995ITL-1.8
LP3995ITLX-1.8
1.9 (Note 2)
STD
LP3995ITL-1.9
LP3995ITLX-1.9
2.1 (Note 2)
STD
LP3995ITL-2.1
LP3995ITLX-2.1
2.5 (Note 2)
STD
LP3995ITL-2.5
LP3995ITLX-2.5
2.8 (Note 2)
STD
LP3995ITL-2.8
LP3995ITLX-2.8
3.0 (Note 2)
STD
LP3995ITL-3.0
LP3995ITLX-3.0
For LLP- 6 Package
Output Voltage
(V)
Grade
LP3995 Supplied as 1000
Units, Tape and Reel
LP3995 Supplied as
4500 Units, Tape and
Reel
Package
Marking
1.5
STD
LP3995ILD-1.5
LP3995ILDX-1.5
LO20B
1.6
STD
LP3995ILD-1.6
LP3995ILDX-1.6
LO21B
1.8
STD
LP3995ILD-1.8
LP3995ILDX-1.8
LO22B
1.9 (Note 2)
STD
LP3995ILD-1.9
LP3995ILDX-1.9
LO23B
2.1 (Note 2)
STD
LP3995ILD-2.1
LP3995ILDX-2.1
LO24B
2.5 (Note 2)
STD
LP3995ILD-2.5
LP3995ILDX-2.5
LO25B
2.8
STD
LP3995ILD-2.8
LP3995ILDX-2.8
LO26B
3.0
STD
LP3995ILD-3.0
LP3995ILDX-3.0
LO30B
3.3 (Note 2)
STD
LP3995ILD-3.3
LP3995ILDX-3.3
LO31B
Note 1: Available in sample quantities only
Note 2: For availability contact your local sales office
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com