Electronic Components Datasheet Search
  English  ▼

X  

LP3995 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3995
Description  Micropower 150mA CMOS Voltage Regulator with Active Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3995 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3995 Datasheet HTML 1Page - National Semiconductor (TI) LP3995 Datasheet HTML 2Page - National Semiconductor (TI) LP3995 Datasheet HTML 3Page - National Semiconductor (TI) LP3995 Datasheet HTML 4Page - National Semiconductor (TI) LP3995 Datasheet HTML 5Page - National Semiconductor (TI) LP3995 Datasheet HTML 6Page - National Semiconductor (TI) LP3995 Datasheet HTML 7Page - National Semiconductor (TI) LP3995 Datasheet HTML 8Page - National Semiconductor (TI) LP3995 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP3995
Micropower 150mA CMOS Voltage Regulator with Active
Shutdown
General Description
The LP3995 linear regulator is designed to meet the require-
ments of portable battery-powered applications and will pro-
vide an accurate output voltage with low noise and low
quiescent current. Ideally suited for powering RF/Analog
devices, this device will also be used to meet more general
circuit needs in which a fast turn-off is essential.
For battery powered applications the low dropout and low
ground current provided by the device allows the lifetime of
the battery to be maximized. The Enable(/Disable) control
allows the system to further extend the battery lifetime by
reducing the power consumption to virtually zero.
The Enable(/Disable) function on the device incorporates an
active discharge circuit on the output for faster device shut-
down. Where the fast turn-off is not required the LP3999
linear regulator is recommended.
The LP3995 also features internal protection against short-
circuit currents and over-temperature conditions.
The LP3995 is designed to be stable with small 1.0 µF
ceramic capacitors. The small outline of the LP3995 micro
SMD package with the required ceramic capacitors can
realize a system application within minimal board area.
Performance is specified for a −40˚C to +125˚C temperature
range.
The device is available in micro SMD package and LLP
package. For other package options contact your local NSC
sales office.
The device is available in fixed output voltages in the ranges
1.5V to 3.3V. For availability, please contact your local NSC
sales office.
Key Specifications
n
2.5V to 6.0V Input Range
n
Accurate Output Voltage; ±75mV / 2%
n
60 mV Typical Dropout with 150 mA Load
n
Virtually Zero Quiescent Current when Disabled
n
Low Output Voltage Noise
n
Stable witha1µF Output Capacitor
n
Guaranteed 150 mA Output Current
n
Fast Turn-on; 30 µs (Typ.)
n
Fast Turn-off; 175 µs (Typ.)
Features
n
5 pin micro SMD Package
n
6 pin LLP Package
n
Stable with Ceramic Capacitor
n
Logic Controlled Enable
n
Fast Turn-on
n
Active Disable for Fast Turn-off.
n
Thermal-overload and Short-circuit Protection
n
−40 to +125˚C Junction Temperature Range for
Operation
Applications
n
GSM Portable Phones
n
CDMA Cellular Handsets
n
Wideband CDMA Cellular Handsets
n
Bluetooth Devices
n
Portable Information Appliances
Typical Application Circuit
20034901
August 2004
© 2004 National Semiconductor Corporation
DS200349
www.national.com


Similar Part No. - LP3995

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
logo
Texas Instruments
LP3995 TI2-LP3995 Datasheet
1Mb / 26P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
REVISED SEPTEMBER 2015
logo
Intersil Corporation
LP3995ILD-1.5 INTERSIL-LP3995ILD-1.5 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
More results

Similar Description - LP3995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3992 TI-LP3992_15 Datasheet
950Kb / 18P
LP3992 Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com