Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 96 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 92Page - Texas Instruments AM5706 Datasheet HTML 93Page - Texas Instruments AM5706 Datasheet HTML 94Page - Texas Instruments AM5706 Datasheet HTML 95Page - Texas Instruments AM5706 Datasheet HTML 96Page - Texas Instruments AM5706 Datasheet HTML 97Page - Texas Instruments AM5706 Datasheet HTML 98Page - Texas Instruments AM5706 Datasheet HTML 99Page - Texas Instruments AM5706 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 387 page
background image
96
AM5706, AM5708
SPRS961A – AUGUST 2016 – REVISED FEBRUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-24. PRU-ICSS Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
pr2_pru1_gpo10
PRU1 General-Purpose Output
O
A18, R1
pr2_pru1_gpo11
PRU1 General-Purpose Output
O
B17, N2
pr2_pru1_gpo12
PRU1 General-Purpose Output
O
B16, P2
pr2_pru1_gpo13
PRU1 General-Purpose Output
O
B18, N1
pr2_pru1_gpo14
PRU1 General-Purpose Output
O
A19, P1
pr2_pru1_gpo15
PRU1 General-Purpose Output
O
E17, N3
pr2_pru1_gpo16
PRU1 General-Purpose Output
O
E16, N4
NOTE
PRU-ICSS has an internal wrapper multiplexing that allows MII_RT, EnDAT, and Sigma
Delta functionality to be muxed with the PRU GPI/O signals. See PRU-ICSS I/O Interface in
device TRM. Additionally, the EGPIO module can also be configured to export additional
functions to EGPIO pins in place of simple GPIO. See Enhanced General-Purpose
Module/Serial Capture Unit in device TRM.
4.3.24 Emulation and Debug Subsystem
NOTE
For more information, see the On-Chip Debug Support / Debug Ports section of the device
TRM.
Table 4-25. Debug Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
tms
JTAG test port mode select. An external pullup resistor should be used on this
ball.
IO
L21
tdi
JTAG test data
I
L23
tdo
JTAG test port data
O
J20
tclk
JTAG test clock
I
K21
trstn
JTAG test reset
I
L22
rtck
JTAG return clock
O
K25
emu0
Emulator pin 0
IO
C21
emu1
Emulator pin 1
IO
C22
emu2
Emulator pin 2
IO
E14
emu3
Emulator pin 3
IO
F14
emu4
Emulator pin 4
IO
F13
emu5
Emulator pin 5
O
D8
emu6
Emulator pin 6
O
B7
emu7
Emulator pin 7
O
C7
emu8
Emulator pin 8
O
E8
emu9
Emulator pin 9
O
B8
emu10
Emulator pin 10
O
C8
emu11
Emulator pin 11
O
B9
emu12
Emulator pin 12
O
A7
emu13
Emulator pin 13
O
A9
emu14
Emulator pin 14
O
A8
emu15
Emulator pin 15
O
A11
emu16
Emulator pin 16
O
F10
emu17
Emulator pin 17
O
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com