Electronic Components Datasheet Search
  English  ▼

X  

WS9256 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS9256
Description  High Precision PSR Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS9256 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS9256 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9256 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9256 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9256 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9256 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9256 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9256 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9256 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WS9256ProductDescription
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/8
Pin Configuration and Marking Information
WS9256 is offered in DIP7 package, as bellows:
Pin Definition
Pin No.
Pin Name
Function Description
1
GND
Ground.
2
FB
Feedback. This pin detects the output information from auxiliary winding.
3
VCC
Power suppl.
4
CS
Current sense. This pin connects a current sense resistor to GND to detect
the primary current of transformer.
5,6
Drain
Internal high voltage MOSFET drain.
7
NC
No connection, must be floated.
Internal Block Diagram
WS9256D7P
A:Product Code
X:Internal Code
BCY:Internal Code For QC
YMX:D/C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com