Electronic Components Datasheet Search
  English  ▼

X  

TP03AZ Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP03AZ
Description  3W 2.5KV Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AZ Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP03AZ Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AZ Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AZ Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP03AZ Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 3 / 3
STEMPERATURE DERATING
MECHANICAL DIMENSIONS
Pin
Function
1
AC
2
AC
3
-Vo
4
+Vo
Block Diagram
C1, C2, C3, C4, C5 capacitor values refer to parameter table
USING ATTENTIONS
1.The output filter capacitor C4 is electrolytic capacitor, recommend using of high frequency and low resistance of electrolytic capacitors,
the capacity and the current flowing-through need refer to the technical specifications provided by the manufacturer. Capacitance voltage
derating is greater than 80% .C5 is use to remove high frequency noise.TVS D1 is used for protecting flow-up circuit (when module be
abnormal)and recommended to use.
2.EMC filter used in the dashed box is to meet the higher requirements,if it is used in general applications,it can be omitted.
3.Our company makes the circuit(C1,C2,C3,NF) in the dashed box into products,and named:FA01 and can be used with switching power supply.
* Pin not fitted on single output variants
Units:mm
Tolerance:±0.2mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com