Electronic Components Datasheet Search
  English  ▼

X  

TP03AZ Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP03AZ
Description  3W 2.5KV Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AZ Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP03AZ Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AZ Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AZ Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP03AZ Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION
:
The rated output power of TP03AZ series is 3W with wide input voltage range, for both AC input and DC
input application. High reliability, precision, large power density, ultra-small size, no external heat sink
required, stable output voltage and etc, with over current protection, , 2500V isolation voltage, short circuit,
overload, internal thermal protection, Widely used in telecommunications, industrial control, instrument,
data acquisition, signal control and other electronic systems.
3W 2.5KV Isolation Wide Input AC/DC Converters
*All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Input / Output 1 minute, leakage current 2mA
1500
2500
VAC
Seismic
10~55Hz
5
5
G
Over current protection
Full input range
Auto recovery
Cooling
Free air convection
Case material
Flame-retardant plastic
Fuse
T0.5A/250V
NTC
20 /1W
NF
3-10mH, 0.2A-0.5A
MOV
7D471K
Leakage Current
<1mA
at 230VAC/50Hz
Isolation resistance
I/P-O/P>100M Ohms/500VDC 25
70% RH
℃
EMI / RFI conducted
EN55011, EN55022 (CISPR22) (For details, see the application notes )
ESD
IEC/EN 61000-4-2 level 4 8kV/15kV (For details, see the application notes )
RF
IEC/EN 61000-4-3(For details, see the application notes )
EFT
IEC/EN 61000-4-4 level 4 4kV(For details, see the application notes )
Surge
IEC/EN 61000-4-5 level 4 2kV/4kV(For details, see the application notes )
MTBF
200K hrs min.
MIL-HDBK-217F(25)
Dimension
32*20.0*15mm (L*W*H)
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage
4:1
Fixed switching frequency
Overheat protection
Over current protection
Short circuit protection
RoHS compliant
Operating temperature : -40℃ to 70℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficie
ncy
(Typ. )
%
Recommend output external capacitor
Rated
Range
values
Voltage
(VDC)
Current
(A)
C1
C2
、C3
C4
C5
(VAC)
TP03AZ-S03
220(4:1)
90-264
3.3
0.6
64
104K/275V
102K/400V
220uF/16V
104K/50V
TP03AZ-S05
220(4:1)
90-264
5
0.6
69
104K/275V
102K/400V
220uF/16V
104K/50V
TP03AZ-S09
220(4:1)
90-264
9
0.33
73
104K/275V
102K/400V
100uF/16V
104K/50V
TP03AZ-S12
220(4:1)
90-264
12
0.25
75
104K/275V
102K/400V
100uF/16V
104K/50V
TP03AZ-S15
220(4:1)
90-264
15
0.2
76
104K/275V
102K/400V
47uF/25V
104K/50V
TP03AZ-S24
220(4:1)
90-264
24
0.125
78
104K/275V
102K/400V
47uF/35V
104K/50V
TP03AZ-S24 is 1.5KVAC isolated , others are 2.5KVAC isolated


Similar Part No. - TP03AZ

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
705Kb / 4P
3W 3KV Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
241Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
470Kb / 4P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
705Kb / 4P
3W 3KV Isolation Wide Input AC/DC Converters
More results

Similar Description - TP03AZ

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC Datasheet
192Kb / 3P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR Datasheet
242Kb / 4P
5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS Datasheet
214Kb / 4P
5W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS TOPPOWER-TP10AS Datasheet
208Kb / 4P
10W 2.5KV Isolation Wide Input AC/DC Converters
TP10AT TOPPOWER-TP10AT Datasheet
226Kb / 4P
10W 2.5KV Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
15W 2.5KV Isolation Wide Input AC/DC Converters
TP20AU TOPPOWER-TP20AU Datasheet
215Kb / 4P
20W 2.5KV Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com