Electronic Components Datasheet Search
  English  ▼

X  

M1348 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M1348
Description  SYNC RGB LED IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1348 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M1348 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 2Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 6Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 7Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 8Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SYNC
同步
RGB LED IC
三色燈 LED IC
4/
9
2004-07-30
LED FLASH
M1348
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
* M1348B:同步同色順序跳閃+同步同色跳閃+6 色漸明漸暗
SP:= Open ( One Cycle about 74 Sec at AC 60Hz )
= VDD
( One Cycle about 39 Sec at AC 60Hz )
PATTERN:
P/N
MODE
S0
S1
S2
S3
COLOR
M1348B-1
1
VDD
VDD
VDD
VSS
Red
紅
M1348B-2
2
VSS
VDD
VDD
VSS
Orange
橙
M1348B-3
3
VDD
VSS
VDD
VSS
Green
綠
M1348B-4
4
VSS
VSS
VDD
VSS
Blue
藍
M1348B-5
5
VDD
VDD
VSS
VSS
Indigo
靛
M1348B-6
6
VSS
VDD
VSS
VSS
Pink
桃紅
1
2
3
4
5
6
同步同色順序跳閃
同步同色跳閃
6 色漸明漸暗
H
N
H
N
H
N
M1348B-1
M1348B-2
M1348B-3
M1348B-4
M1348B-5
M1348B-6
AC
S0
S1
S2
S0
S1
S2
S0
S1
S2
S3
S3
S3
H
N
S0
S1
S2
S3
H
N
S0
S1
S2
S3
H
N
S0
S1
S2
S3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com