Electronic Components Datasheet Search
  English  ▼

X  

M1348 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M1348
Description  SYNC RGB LED IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1348 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M1348 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 2Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 6Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 7Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 8Page - List of Unclassifed Manufacturers M1348 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SYNC
同步
RGB LED IC
三色燈 LED IC
2/
9
2004-07-30
LED FLASH
M1348
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
*All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
CLK
TEST
ZC
GL
RL
M1348-XP
1
16
8
9
T2
VDD1
P-Channel Open Drain Output
1
8
4
5
2M
ZC
1uF / 450V
1N4001
D3
AC110 / 220V
R2
R1
10Ω / 1/2W
VDD1
VIPER12
10u / 25V
u1007
C1
C4
C3
DZ1
15V
D1
D2
u1007
2mH
R3
15K
10u / 25V
C4
SOURCE 2
SOURCE 1
FB
VCC
DRAIN 4
DRAIN 3
DRAIN 2
DRAIN 1
VOUT VIN
GND
10u / 25V
C6
VDD=5V
ST
7805
223
VDD
S2
VSS
S0
S1
BL
OPT
S3
1KΩ
1KΩ
1KΩ
POR
VDD
SP
103
47KΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com