Electronic Components Datasheet Search
  English  ▼

X  

0608 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # 0608
Description  Reliable solid state operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

0608 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  0608 Datasheet HTML 1Page - Laird Tech Smart Technology 0608 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THR-DS-ET19,23,F1N,0608,11,W2.25110414
AnyinformationfurnishedbyLairdanditsagentsisbelievedtobeaccurateandreliable.Allspecificationsaresubjecttochangewithoutnotice.Responsibilityfortheuseandapplicationof
Lairdmaterialsrestswiththeenduser,sinceLairdanditsagentscannotbeawareofallpotentialuses.Lairdmakesnowarrantiesastothefitness,merchantabilityorsuitabilityofanyLaird
materialsorproductsforanyspecificorgeneraluses.Laird,LairdTechnologies,Incoranyofitsaffiliatesoragentsshallnotbeliableforincidentalorconsequentialdamagesofanykind.All
LairdproductsaresoldpursuanttotheLairdTechnologies’TermsandConditionsofsaleineffectfromtimetotime,acopyofwhichwillbefurnisheduponrequest.©Copyright2014Laird
Technologies,Inc.AllRightsReserved.Laird,LairdTechnologies,theLairdLogo,andothermarksaretrademarksorregisteredtrademarksofLairdTechnologies,Inc.oranaffiliatecompany
thereof.Otherproductorservicenamesmaybethepropertyofthirdparties.NothinghereinprovidesalicenseunderanyLairdoranythirdpartyintellectualpropertyrights.
OptoTECTM Series ET19,23,F1N,0608
Thermoelectric Module
PERFORMANCE CURVES
MECHANICAL DRAWING
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
70
80
Delta T (C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
70
80
Delta T (C)
1.9 A
1.5 A
1.2 A
0.8 A
0.4 A
CeramicMaterialAluminumNitrideCeramics
SolderConstruction:232°CSnSb
OPERATING TIPS
•Maxoperatingtemperature:80°C
•DonotexceedImaxorVmaxwhen
operatingmodule
•Referenceassemblyguidelinesfor
recommendedinstallation
•Soldertinningalsoavailableon
metallized ceramics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com