Electronic Components Datasheet Search
  English  ▼

X  

0608 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # 0608
Description  Reliable solid state operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

0608 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  0608 Datasheet HTML 1Page - Laird Tech Smart Technology 0608 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OptoTECTM Series ET19,23,F1N,0608
Thermoelectric Module
Americas: +1 888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
SUFFIX
THICKNESS
(PRIOR TO TINNING)
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
LEAD
LENGTH
11
0.065” +/- 0.002”
0.002” / 0.002”
Lapped
Lapped
2.0”
TB
0.065” +/- 0.0005”
0.0005” / 0.0005”
Lapped
Lapped
2.0”
00
0.064” +/- 0.005”
NA / NA
Metallized
Metallized
2.0”
22
0.064” +/- 0.005”
NA / NA
Pre-tinned
Pre-tinned
2.0”
GG
0.064” +/- 0.005”
NA / NA
Au Plated
Au Plated
2.0”
FEATURES
• Miniaturegeometricsizes
• Precisetemperaturecontrol
• Reliablesolidstateoperation
• Nosoundorvibration
• DCoperation
• RoHScompliant
APPLICATIONS
• Laser diodes
• CCD cameras
• Infrared(IR)sensors
• Pump lasers
• Crystal oscillators
• Opticaltransceivers
The OptoTECTMSeriesisaminiaturethermoelectricmodule(TEM).Thisproductseriesisprimarily
usedinapplicationstostabilizethetemperatureofsensitiveopticalcomponentsintelecomand
photonicsindustries.
Thisproductlineisavailableinmultipleconfigurationsandsurfacefinishingoptions.AssembledwithBismuth
TelluridesemiconductormaterialandthermallyconductiveAluminumOxideceramics,theOptoTECTM
Seriesisdesignedforlowercurrentandlowerheat-pumpingapplications.Customdesignsareavailable
toaccommodatemetallization,pretinning,ceramicpatterns,andsolderposts,howeverMOQapplies.
PERFORMANCE SPECIFICATIONS
Hotsidetemperature(°C)
25
50
Qmax(watts)
3.0
3.3
DeltaTmax(°C)
65
75
Imax(amps)
1.9
1.9
Vmax(volts)
2.7
3.0
Moduleresistance(ohms)
1.26
1.42
SUFFIX
SEALANT
COLOR
TEMP RANGE
DESCRIPTION
RT
RTV
White
-60to204°C
Non-corrosive,siliconeadhesivesealant
EP
Epoxy
Black
-55to150°C
Lowdensitysyntacticfoamepoxyencapsulant
SEALING OPTION


Similar Part No. - 0608

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0608 SCHURTER-0608 Datasheet
417Kb / 3P
Interconnection Cord with IEC Plug E, Angled
logo
ASSUN MOTOR Pte Ltd.
0608 ASSUN-0608 Datasheet
189Kb / 1P
METAL BRUSH
2023-A
0608 ASSUN-0608 Datasheet
224Kb / 1P
METAL BRUSH
2023-A
logo
Weidmuller
0608220000 WEIDMULLER-0608220000 Datasheet
1Mb / 52P
SAK-series
0608260000 WEIDMULLER-0608260000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 0608

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OT08 LSTD-OT08 Datasheet
802Kb / 2P
Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
Reliable Solid State Operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
Reliable solid-state operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
Reliable solid-state operation
DL-120-24-00-00-00 LSTD-DL-120-24-00-00-00 Datasheet
232Kb / 4P
Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
Reliable solid state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
Reliable solid state operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com