Electronic Components Datasheet Search
  English  ▼

X  

MIC5238 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5238
Description  Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5238 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5238 Datasheet HTML 1Page - Micrel Semiconductor MIC5238 Datasheet HTML 2Page - Micrel Semiconductor MIC5238 Datasheet HTML 3Page - Micrel Semiconductor MIC5238 Datasheet HTML 4Page - Micrel Semiconductor MIC5238 Datasheet HTML 5Page - Micrel Semiconductor MIC5238 Datasheet HTML 6Page - Micrel Semiconductor MIC5238 Datasheet HTML 7Page - Micrel Semiconductor MIC5238 Datasheet HTML 8Page - Micrel Semiconductor MIC5238 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC5238
Micrel
MIC5238
2
August 2003
Pin Configuration
IN
OUT
BIAS
EN
L4xx
1
3
45
2
GND
SOT-23-5 (M5)
Pin Description
SOT-23-5
Pin Name
Pin Function
1
IN
Supply Input
2
GND
Ground
3
EN
Enable (Input): Logic low = shutdown; logic high = enable. Do no leave
open.
4
BIAS
BiasSupply Input
5
OUT
Regulator Output
IN
OUT
BIAS
EN
N4xx
1
3
45
2
GND
TSOT-23-5 (D5)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com