Electronic Components Datasheet Search
  English  ▼

X  

MIC5238 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5238
Description  Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5238 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5238 Datasheet HTML 1Page - Micrel Semiconductor MIC5238 Datasheet HTML 2Page - Micrel Semiconductor MIC5238 Datasheet HTML 3Page - Micrel Semiconductor MIC5238 Datasheet HTML 4Page - Micrel Semiconductor MIC5238 Datasheet HTML 5Page - Micrel Semiconductor MIC5238 Datasheet HTML 6Page - Micrel Semiconductor MIC5238 Datasheet HTML 7Page - Micrel Semiconductor MIC5238 Datasheet HTML 8Page - Micrel Semiconductor MIC5238 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
August 2003
5
MIC5238
MIC5238
Micrel
0
5
10
15
20
25
30
35
40
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
V
BIAS
Ground Current
vs. Temperature
1.1V
150mA
0
5
10
15
20
25
30
35
40
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
V
BIAS
Ground Current
vs. Temperature
1.1V
75mA
1.0975
1.0980
1.0985
1.0990
1.0995
1.1000
1.1005
1.1010
1.1015
1.1020
1.1025
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
1.1V
100
µA
0
50
100
150
200
250
300
350
400
450
500
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Short Circuit Current
vs. Temperature
0
5
10
15
20
25
30
35
40
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
V
BIAS
Ground Current
vs. Temperature
1.1V
100
µA
0
50
100
150
200
250
300
350
400
450
500
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout Voltage
vs. Temperature
Load = 150mA
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
V
IN
Ground Current
vs. Temperature
1.1V
150mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
V
IN
Ground Current
vs. Temperature
1.1V
75mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com